| Electronic Components Datasheet Search |
|
R8C2C Datasheet(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2C Datasheet(HTML) 55 Page - Renesas Technology Corp |
|
55 / 58 page ![]() R8C/2C Group, R8C/2D Group 5. Resets Rev.2.00 Dec 05, 2007 Page 34 of 585 REJ09B0339-0200 Figure 5.3 Reset Sequence Figure 5.4 OFS Register Start time of flash memory (CPU clock × 14 cycles) 0FFFCh 0FFFEh 0FFFDh Content of reset vector CPU clock Address (internal address signal) NOTES: 1. Hardware reset. 2. When the “L” input width to the RESET pin is set to fOCO-S clock × 32 cycles or more, setting the RESET pin to “H” also sets the internal reset signal to “H” at the same. CPU clock × 28 cycles fOCO-S clock × 32 cycles(2) fOCO-S Internal reset signal RESET pin 10 cycles or more are needed(1) Option Function Select Register(1) Symbol Address When Shipping OFS 0FFFFh FFh(3) Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. If the block including the OFS register is erased, FFh is set to the OFS register. — (b6) Reserved bit Set to 1. RW CSPROINI Count source protect mode after reset select bit 0 : Count source protect mode enabled after reset 1 : Count source protect mode disabled after reset RW To use the pow er-on reset, set the LVD0ON bit to 0 (voltage monitor 0 reset enabled after hardw are reset). ROMCP1 ROM code protect bit 0 : ROM code protect enabled 1 : ROM code protect disabled RW ROMCR ROM code protect disabled bit 0 : ROM code protect disabled 1 : ROMCP1 enabled RW — (b1) RW Reserved bit Set to 1. WDTON RW Watchdog timer start select bit 0 : Starts w atchdog timer automatically after reset 1 : Watchdog timer is inactive after reset 1 11 b7 b6 b5 b4 b3 b2 b1 b0 — (b4) Reserved bit Set to 1. RW The OFS register is on the flash memory. Write to the OFS register w ith a program. After w riting is completed, do not w rite additions to the OFS register. LVD0ON Voltage detection 0 circuit start bit(2) 0 : Voltage monitor 0 reset enabled after hardw are reset 1 : Voltage monitor 0 reset disabled after hardw are reset RW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |