Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7548 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 7548
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7548 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 7548 Datasheet HTML 7Page - Renesas Technology Corp 7548 Datasheet HTML 8Page - Renesas Technology Corp 7548 Datasheet HTML 9Page - Renesas Technology Corp 7548 Datasheet HTML 10Page - Renesas Technology Corp 7548 Datasheet HTML 11Page - Renesas Technology Corp 7548 Datasheet HTML 12Page - Renesas Technology Corp 7548 Datasheet HTML 13Page - Renesas Technology Corp 7548 Datasheet HTML 14Page - Renesas Technology Corp 7548 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
Rev.2.00
Mar 15, 2007
Page 11 of 70
REJ03B0210-0200
7548 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Memory
• Special Function Register (SFR) Area
The SFR area in the zero page contains control registers such as
I/O ports and timers.
• RAM
RAM is used for data storage and for a stack area of subroutine
calls and interrupts.
•ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is a user area for storing programs.
The user area includes the function set ROM area.
• Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
• Zero Page
The 256 bytes from addresses 000016 to 00FF16 are called the
zero page area. The internal RAM and the special function
registers (SFR) are allocated to this area.
The zero page addressing mode can be used to specify memory
and register addresses in the zero page area. Access to this area
with only 2 bytes is possible in the zero page addressing mode.
• Special Page
The 256 bytes from addresses FF0016 to FFFF16 are called the
special page area. The special page addressing mode can be used
to specify memory addresses in the special page area. Access to
this area with only 2 bytes is possible in the special page
addressing mode.
• Function set ROM Area
[Renesas shipment test area]
Figure 8 shows the Assignment of Function set ROM area.
The random data are set to the Renesas shipment test areas
(addresses FFD416 to address FFD716).
Do not rewrite the data of these areas.
When the checksum is included in the user program, avoid
assigning it to these areas.
[Function set ROM data] FSROM0, FSROM1, FSROM2
Function set ROM data 0 to 2 (addresses FFD816 to FFDA16) are
used to set modes of peripheral functions.
By setting values to these areas, the operation mode of each
peripheral function are set after releasing reset.
Refer to the descriptions of peripheral functions for the details of
operation of peripheral functions.
• Clock circuit
• Watchdog timer
• Low voltage detection circuit
[ROM code protect]
Address FFDB16 of QzROM version is ROM code protect
address and cannot be used for programming. “0016” is written
into this address when selecting the protect bit write by using a
serial programmer and selecting protect enabled for writing
shipment by Renesas Technology corp.. When “0016” is set to
the ROM code protect address, the protect function is enabled, so
that reading or writing from/to the corresponding area is disabled
by a serial programmer.
As for the QzROM product in blank, the ROM code is protected by
selecting the protect bit write at ROM writing with a serial programmer.
As for the QzROM product shipped after writing, “0016” (protect
enabled) or “FF16” (protect disabled) is written into the ROM code
protect address when Renesas Technology corp. performs writing.
The writing of “0016” or “FF16” can be selected as ROM option setup
(“MASK option” written in the mask file converter) when ordering.
<Notes>
(1) Because the contents of RAM are indefinite at reset, set
initial values before using.
(2) Do not access to the reserved area.
(3) Random data is written into the Renesas shipment test area
and the reserved ROM area. Do not rewrite the data in these
areas. Data of these area may be changed without notice.
Accordingly, do not include these areas into programs such
as checksum of all ROM areas.
(4) The QzROM values in function set ROM data 0 to 2 set the
operating modes of the various peripheral functions after an
MCU reset is released. Do not fail to set the value for the
selected function. Bits designated with a fixed value of 1 or
0 must be set to the designated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com