Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7548 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7548
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7548 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7548 Datasheet HTML 9Page - Renesas Technology Corp 7548 Datasheet HTML 10Page - Renesas Technology Corp 7548 Datasheet HTML 11Page - Renesas Technology Corp 7548 Datasheet HTML 12Page - Renesas Technology Corp 7548 Datasheet HTML 13Page - Renesas Technology Corp 7548 Datasheet HTML 14Page - Renesas Technology Corp 7548 Datasheet HTML 15Page - Renesas Technology Corp 7548 Datasheet HTML 16Page - Renesas Technology Corp 7548 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Rev.2.00
Mar 15, 2007
Page 13 of 70
REJ03B0210-0200
7548 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 9.
Memory map of special function register (SFR)
000016
000116
000216
000316
000416
000516
000616
000716
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
001016
001116
001216
001316
001416
001516
001616
001716
001816
001916
001A16
001B16
001C16
001D16
001E16
001F16
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002A16
002B16
002C16
002D16
002E16
002F16
003016
003116
003216
003316
003416
003516
003616
003716
003816
003916
003A16
003B16
003C16
003D16
003E16
003F16
Port P0 (P0)
Port P0 direction register (P0D)
Port P1 (P1)
Port P1 direction register (P1D)
Port P2 (P2)
Port P2 direction register (P2D)
Port P3 (P3) (Note 1)
Port P3 direction register (P3D) (Note 2)
Reserved
Reserved
Reserved
Reserved
Port P0 drive capacity control register (DCCR)
Port P0 pull-up control register (PULL0)
Port P1 pull-up control register (PULL1)
Key-on wakeup input selection register (KEYS)
Capture/Compare register (low-order) (CRAL)
Capture/Compare register (high-order) (CRAH)
Capture/Compare register R/W pointer (CCRP)
Compare output mode register (CMOM)
Timer A (low-order) (TAL)
Timer A (high-order) (TAH)
Reserved
Reserved
Transmit/Receive buffer register (TB/RB)
Serial I/O status register (SIOSTS)
Serial I/O control register (SIOCON)
UART control register (UARTCON)
Baud rate generator (BRG)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Prescaler 12 (PRE12)
Timer 1 (T1)
Timer 2 (T2)
Timer mode register (TM)
Timer count source set register (TCSS)
Compare register re-load register (CMPR)
Capture/Compare port register (CCPR)
Capture/Compare status register (CCSR)
Compare interrupt source set register (CISR)
Capture software trigger register (CSTR)
Capture mode register (CAPM)
Reserved
AD control register (ADCON)
AD conversion register (low-order) (ADL)
AD conversion register (high-order) (ADH)
Clock mode register (CLKM)
Oscillation stop detection register (CLKSTP)
Watchdog timer control register (WDTCON)
Interrupt edge selection register (INTEDGE)
CPU mode register (CPUM)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Notes 1: Port P3 pins are nothing.
2: Set “0316” to the port P3 direction register, though the port P3 pins are nothing.
3: Do not access to the reserved addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com