Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7548 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 7548
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7548 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 7548 Datasheet HTML 11Page - Renesas Technology Corp 7548 Datasheet HTML 12Page - Renesas Technology Corp 7548 Datasheet HTML 13Page - Renesas Technology Corp 7548 Datasheet HTML 14Page - Renesas Technology Corp 7548 Datasheet HTML 15Page - Renesas Technology Corp 7548 Datasheet HTML 16Page - Renesas Technology Corp 7548 Datasheet HTML 17Page - Renesas Technology Corp 7548 Datasheet HTML 18Page - Renesas Technology Corp 7548 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
Rev.2.00
Mar 15, 2007
Page 15 of 70
REJ03B0210-0200
7548 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
I/O Ports
[Direction registers] PiD
The I/O ports have direction registers which determine the input/
output direction of each pin. Each bit in a direction register
corresponds to one pin, and each pin can be set to be input or
output.
When “1” is set to the bit corresponding to a pin, this pin
becomes an output port. When “0” is set to the bit, the pin
becomes an input port.
When data is read from a pin set to output, not the value of the
pin itself but the value of port latch is read. Pins set to input are
floating, and permit reading pin values.
If a pin set to input is written to, only the port latch is written to
and the pin remains floating.
• If the port P20 is used as output port, write “1” to the port
P20 direction register after reset.
• Set “1” to bits 6 and 7 of the port P1 direction register.
• Set “1” to bits 0 and 1 of the port P3 direction register.
[Port P0 drive capacity control register] DCCR
By setting the Port P0 drive capacity control register (address
000C16), the drive capacity of the N-channel output transistor for
the port P0 can be selected.
[Pull-up control registers] PULL0, PULL1
By setting the pull-up control registers (address 000D16 and
000E16), ports P0 and P1 can exert pull-up control by program.
However, this is valid only when the port direction registers are
set to input.
When they are set to output, setting “pull-up on” does not pull up
the ports.
Fig 13. Structure of port P0 drive capacity control
register
Fig 14. Structure of port P0 pull-up control register
Fig 15. Structure of port P1 control register
Fig 16. Structure of port P3 direction register
b7
b0
Port P00 drive capacity selection bit
Port P01 drive capacity selection bit
Port P02 drive capacity selection bit
Port P03 drive capacity selection bit
Port P04 drive capacity selection bit
Port P05 drive capacity selection bit
Port P06 drive capacity selection bit
Port P07 drive capacity selection bit
0: weakness
1: strength
Port P0 drive capacity control register
(DCCR: address 000C16, initial value: 0016)
b7
b0
P00 pull-up control bit
P01 pull-up control bit
P02 pull-up control bit
P03 pull-up control bit
P04 pull-up control bit
P05 pull-up control bit
P06 pull-up control bit
P07 pull-up control bit
0: Pull-up is disabled
1: Pull-up is enabled
Port P0 pull-up control register
(PULL0: address 000D16, initial value: 0016)
b7
b0
P10 pull-up control bit
P11 pull-up control bit
P12 pull-up control bit
P13 pull-up control bit
P14 pull-up control bit
P15 pull-up control bit
Set “0” to these bits certainly
0: Pull-up OFF
1: Pull-up ON
Port P1 pull-up control register
(PULL1: address 000E16, initial value: 0016)
b7
b0
Set “1” to these bits certainly
Not used (returns “0” when read)
Port P3 direction register
(P3D: address 000716, initial value: 0016)
Note: Set “0316” to the port P3 direction register, though the port P3 pins are
nothing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com