Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2H Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 52Page - Renesas Technology Corp R8C2H Datasheet HTML 53Page - Renesas Technology Corp R8C2H Datasheet HTML 54Page - Renesas Technology Corp R8C2H Datasheet HTML 55Page - Renesas Technology Corp R8C2H Datasheet HTML 56Page - Renesas Technology Corp R8C2H Datasheet HTML 57Page - Renesas Technology Corp R8C2H Datasheet HTML 58Page - Renesas Technology Corp R8C2H Datasheet HTML 59Page - Renesas Technology Corp R8C2H Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
R8C/2H Group, R8C/2J Group
5. Resets
Rev.1.00
Mar 28, 2008
Page 36 of 341
REJ09B0388-0100
5.2
Power-On Reset Function
When the RESET pin is connected to the VCC pin via a pull-up resistor, and the VCC pin voltage level rises while
the rise gradient is trth or more, the power-on reset function is enabled and the MCU resets its pins, CPU, and SFR.
When a capacitor is connected to the RESET pin, too, always keep the voltage to the RESET pin 0.8VCC or more.
When the input voltage to the VCC pin reaches the Vdet0 level or above, the low-speed on-chip oscillator clock
starts counting. When the low-speed on-chip oscillator clock count reaches 32, the internal reset signal is held “H”
and the MCU enters the reset sequence (refer to Figure 5.3). The low-speed on-chip oscillator clock divided by 8 is
automatically selected as the CPU clock after reset.
Refer to 4. Special Function Registers (SFRs) for the states of the SFR after power-on reset.
The voltage monitor 0 reset is enabled after power-on reset.
Figure 5.7 shows an Example of Power-On Reset Circuit and Operation.
Figure 5.7
Example of Power-On Reset Circuit and Operation
RESET
VCC
4.7 k
Ω
(reference)
NOTES:
1. When using the voltage monitor 0 digital filter, ensure that the voltage is within the MCU operation voltage
range (2.2 V or above) during the sampling time.
2. The sampling clock can be selected. Refer to 6. Voltage Detection Circuit for details.
3. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. Refer to 6. Voltage Detection
Circuit
for details.
4. Refer to 22. Electrical Characteristics.
5. To use the power-on reset function, enable voltage monitor 0 reset by setting the LVD0ON bit in the OFS
register to 0, the VW0C0 and VW0C6 bits in the VW0C register to 1 respectively, and the VCA25 bit in the
VCA2 register to 1.
Vdet0(3)
Vpor1
Internal
reset signal
(“L” valid)
tw(por1)
Sampling time(1, 2)
Vdet0(3)
1
fOCO-S
× 32
1
fOCO-S
× 32
Vpor2
External
Power VCC
trth
trth
2.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com