Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2H Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 21Page - Renesas Technology Corp R8C2H Datasheet HTML 22Page - Renesas Technology Corp R8C2H Datasheet HTML 23Page - Renesas Technology Corp R8C2H Datasheet HTML 24Page - Renesas Technology Corp R8C2H Datasheet HTML 25Page - Renesas Technology Corp R8C2H Datasheet HTML 26Page - Renesas Technology Corp R8C2H Datasheet HTML 27Page - Renesas Technology Corp R8C2H Datasheet HTML 28Page - Renesas Technology Corp R8C2H Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
R8C/2H Group, R8C/2J Group
1. Overview
Rev.1.00
Mar 28, 2008
Page 5 of 341
REJ09B0388-0100
Figure 1.2
Part Number, Memory Size, and Package of R8C/2J Group
Table 1.4
Product List for R8C/2J Group
Current of Mar. 2008
Part No.
ROM Capacity
RAM Capacity
Package Type
Remarks
R5F212J0SNSP
2 Kbytes
256 bytes
PLSP0020JB-A
N version
R5F212J1SNSP
4 Kbytes
384 bytes
PLSP0020JB-A
R5F212J0SDSP
2 Kbytes
256 bytes
PLSP0020JB-A
D version
R5F212J1SDSP
4 Kbytes
384 bytes
PLSP0020JB-A
Part No.
R 5 F 21 2J 1 S N SP
Package type:
SP: PLSP0020JB-A
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
S: Low-voltage version (other no symbols)
ROM capacity
0: 2 KB
1: 4 KB
R8C/2J Group
R8C/Tiny Series
Memory type
F: Flash memory version
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com