Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2H Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 19Page - Renesas Technology Corp R8C2H Datasheet HTML 20Page - Renesas Technology Corp R8C2H Datasheet HTML 21Page - Renesas Technology Corp R8C2H Datasheet HTML 22Page - Renesas Technology Corp R8C2H Datasheet HTML 23Page - Renesas Technology Corp R8C2H Datasheet HTML 24Page - Renesas Technology Corp R8C2H Datasheet HTML 25Page - Renesas Technology Corp R8C2H Datasheet HTML 26Page - Renesas Technology Corp R8C2H Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
R8C/2H Group, R8C/2J Group
1. Overview
Rev.1.00
Mar 28, 2008
Page 3 of 341
REJ09B0388-0100
NOTE:
1. Specify the D version if D version functions are to be used.
Table 1.2
Specifications for R8C/2J Group
Item
Function
Specification
CPU
Central processing
unit
R8C/Tiny series core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
125 ns (System clock = 8 MHz, VCC = 2.7 to 5.5 V)
250 ns (System clock = 4 MHz, VCC = 2.2 to 5.5 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operation mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM
Refer to Table 1.4 Product List for R8C/2J Group.
Power Supply
Voltage
Detection
Voltage detection
circuit
• Power-on reset
• Voltage detection 3
Comparator
• 2 circuits (shared with voltage monitor 1 and voltage monitor 2)
• External reference voltage input is available
I/O Ports
CMOS I/O ports: 12, selectable pull-up resistor
Clock
Clock generation
circuits
• 1 circuits: On-chip oscillator (high-speed, low-speed)
(high-speed on-chip oscillator has a frequency adjustment function),
• Frequency divider circuit: Dividing selectable 1, 2, 4, 8, and 16
• Low power consumption modes:
Standard operating mode (high-speed on-chip oscillator, low-speed on-chip
oscillator), wait mode, stop mode
Interrupts
• External: 3 sources, Internal: 14 sources, Software: 4 sources
• Priority levels: 7 levels
Watchdog Timer
15 bits × 1 (with prescaler), reset start selectable
Timer
Timer RA
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode, pulse period
measurement mode
Timer RB
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation mode (PWM
output), programmable one-shot generation mode, programmable wait one-
shot generation mode
Timer RE
Not implemented
Timer RF
16 bits × 1 (with capture/compare register pin and compare register pin)
Input capture mode, output compare mode
Serial
Interface
UART0
Clock synchronous serial I/O/UART × 1
LIN Module
Hardware LIN: 1 (timer RA, UART0)
Flash Memory
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 100 times
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
Operating Frequency/Supply
Voltage
System clock = 8 MHz (VCC = 2.7 to 5.5 V)
System clock = 4 MHz (VCC = 2.2 to 5.5 V)
Current consumption
5 mA (VCC = 5 V, system clock = 8 MHz)
23
µA (VCC = 3 V, wait mode (low-speed on-chip oscillator on))
0.7
µA (VCC = 3 V, stop mode, BGR trimming circuit disabled)
Operating Ambient Temperature
-20 to 85
°C (N version)
-40 to 85
°C (D version)(1)
Package
20-pin LSSOP
Package code: PLSP0020JB-A (previous code: 20P2F-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com