Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 4 Page - Analog Devices

  ADA4530-1 Datasheet HTML 1Page - Analog Devices ADA4530-1 Datasheet HTML 2Page - Analog Devices ADA4530-1 Datasheet HTML 3Page - Analog Devices ADA4530-1 Datasheet HTML 4Page - Analog Devices ADA4530-1 Datasheet HTML 5Page - Analog Devices ADA4530-1 Datasheet HTML 6Page - Analog Devices ADA4530-1 Datasheet HTML 7Page - Analog Devices ADA4530-1 Datasheet HTML 8Page - Analog Devices ADA4530-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Data Sheet
ADA4530-1
SPECIFICATIONS
analog.com
Rev. C | 4 of 52
Table 1. (Continued)
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Unity-Gain Crossover
UGC
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF, AVO = 1
2
MHz
−3 dB Closed-Loop Bandwidth
f−3dB
VIN=10 mV rms, RL = 10 kΩ, CL = 10 pF, AV = 1
6
MHz
Phase Margin
ΦM
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF, AVO = 1
62
Degrees
Settling Time to 0.1%
tS
VIN = 0.5 V step, RL = 10 kΩ, CL= 10 pF, AV = −1
5
µs
EMI Rejection Ratio of +IN
EMIRR
VIN = 100 mV peak, f = 400 MHz
50
dB
VIN = 100 mV peak, f = 900 MHz
60
dB
VIN = 100 mV peak, f = 1800 MHz
80
dB
VIN = 100 mV peak, f = 2400 MHz
90
dB
NOISE PERFORMANCE
Peak-to-Peak Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
4
µV p-p
Voltage Noise Density
eN
f = 10 Hz
80
nV/√Hz
f = 1 kHz
16
nV/√Hz
f = 10 kHz
14
nV/√Hz
Current Noise Density
IN
f = 0.1 Hz
0.07
fA/√Hz
Total Harmonic Distortion + Noise
THD + N
AV = 1, f = 1 kHz, VIN = 0.5 V rms
Bandwidth = 90 kHz
0.003
%
Bandwidth = 500 kHz
0.0045
%
GUARD BUFFER
Guard Offset Voltage2, 4, 5
VGOS
VCM = 1.5 V to 3 V
15
100
µV
VCM = 1.5 V to 3 V, 0°C < TA < 125°C
120
µV
VCM = 1.5 V to 3 V, −40°C < TA < 0°C
250
µV
VCM = 0.1 V to 3 V
150
µV
Guard Offset Voltage Drift2, 4
ΔVGOS/ΔT
0°C < TA < +125°C
0.18
1
µV/°C
−40°C < TA < 0°C
1.4
7
µV/°C
Output Impedance
ZGOUT
1
kΩ
Output Voltage Range
VGOS < 150 µV
0.1
3
V
−3 dB Bandwidth
f−3dBGUARD
VIN = 10 mV rms, CL = 10 pF
5.5
MHz
1 These specifications represent the performance for 5 V ± 10% power supplies. All specifications are measured at the worst case 4.5 V supply voltage.
2 The maximum specifications at −40°C < TA < +85°C and −40°C < TA < 0°C are guaranteed from characterization.
3 RH is relative humidity (see the Humidity Effects section for more information).
4 The typical specifications are equal to the average plus the standard deviation of the distribution from characterization.
5 The guard offset voltage is the voltage difference between the guard output and the noninverting input.
10 V NOMINAL ELECTRICAL CHARACTERISTICS
VSY = 10 V, VCM = VSY/2, TA = 25°C, unless otherwise noted. Typical specifications are equal to the average of the distribution from
characterization, unless otherwise noted. Minimum and maximum specifications are tested in production, unless otherwise noted.
Table 2.
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Bias Current2, 3
IB
RH < 50%
<1
±20
fA
−40°C < TA < +85°C, RH < 50%
±20
fA
−40°C < TA < +125°C, RH < 50%
±250
fA
Input Offset Current3
IOS
RH < 50%
<1
±20
fA
−40°C < TA < +125°C, RH < 50%
±150
fA
Input Offset Voltage2, 4
VOS
+8
±40
µV
VCM = 1.5 V to 8.5 V
+9
±50
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com