Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 3Page - Analog Devices ADA4530-1 Datasheet HTML 4Page - Analog Devices ADA4530-1 Datasheet HTML 5Page - Analog Devices ADA4530-1 Datasheet HTML 6Page - Analog Devices ADA4530-1 Datasheet HTML 7Page - Analog Devices ADA4530-1 Datasheet HTML 8Page - Analog Devices ADA4530-1 Datasheet HTML 9Page - Analog Devices ADA4530-1 Datasheet HTML 10Page - Analog Devices ADA4530-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Data Sheet
ADA4530-1
SPECIFICATIONS
analog.com
Rev. C | 7 of 52
Table 3. (Continued)
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
15.93
15.95
V
−40°C < TA < +125°C
15.9
V
RL = 2 kΩ to VCM
15.72
15.78
V
−40°C < TA < +125°C
15.58
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
25
70
mV
−40°C < TA < +125°C
100
mV
RL = 2 kΩ to VCM
115
280
mV
−40°C < TA < +125°C
420
mV
Short-Circuit Current
ISC
Source
15
mA
Sink
−30
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
20
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 4.5 V to 16 V
130
150
dB
−40°C < TA < +125°C
130
dB
Supply Current
ISY
IOUT = 0 mA
0.9
1.3
mA
−40°C < TA < +125°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 10 pF, AV = 1
1.4
V/µs
Gain bandwidth Product
GBP
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF, AV =
100
2
MHz
Unity-Gain Crossover
UGC
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF, AVO =
1
2
MHz
−3 dB Closed-Loop Bandwidth
f−3 dB
VIN = 10 mV rms, RL = 10 kΩ, CL = 10 pF, AV = 1
6
MHz
Phase Margin
ΦM
VIN =10 mV rms, RL = 10 kΩ, CL = 10 pF, AVO =
1
62
Degrees
Settling Time to 0.1%
tS
VIN = 1 V step, RL = 10 kΩ, CL = 10 pF, AV = −1
6
µs
EMI Rejection Ratio of +IN
EMIRR
VIN = 100 mV peak, f = 400 MHz
50
dB
VIN = 100 mV peak, f = 900 MHz
60
dB
VIN = 100 mV peak, f = 1800 MHz
80
dB
VIN = 100 mV peak, f = 2400 MHz
90
dB
NOISE PERFORMANCE
Peak-to-Peak Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
4
µV p-p
Voltage Noise Density
eN
f = 10 Hz
80
nV/√Hz
eN
f = 1 kHz
16
nV/√Hz
eN
f = 10 kHz
14
nV/√Hz
Current Noise Density
IN
f = 0.1 Hz
0.07
fA/√Hz
Total Harmonic Distortion + Noise
THD + N
AV = 1, f = 1 kHz, VIN = 4.5 V rms
Bandwidth = 90 kHz
0.0012
%
Bandwidth = 500 kHz
0.003
%
GUARD BUFFER
Guard Offset Voltage4, 5
VGOS
VCM = 1.5 V to 14.5 V
15
100
µV
VCM = 1.5 V to 14.5 V, 0°C < TA < 125°C
120
µV
VCM = 1.5 V to 14.5 V, −40°C < TA < 0°C
250
µV
VCM = 0.1 V to 14.5 V
150
µV
Guard Offset Voltage Drift2, 4
ΔVGOS/ΔT
0°C < TA < +125°C
0.18
1
µV/°C
−40°C < TA < 0°C
1.4
7
µV/°C
Output Impedance
ZGOUT
1
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com