Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1 Datasheet(PDF) 49 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 44Page - Analog Devices ADA4530-1 Datasheet HTML 45Page - Analog Devices ADA4530-1 Datasheet HTML 46Page - Analog Devices ADA4530-1 Datasheet HTML 47Page - Analog Devices ADA4530-1 Datasheet HTML 48Page - Analog Devices ADA4530-1 Datasheet HTML 49Page - Analog Devices ADA4530-1 Datasheet HTML 50Page - Analog Devices ADA4530-1 Datasheet HTML 51Page - Analog Devices ADA4530-1 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
ADA4530-1
POWER SUPPLY RECOMMENDATIONS
analog.com
Rev. C | 49 of 52
Analog Devices offers a wide range of power management products
to meet the requirements of most high performance signal chains.
Examples of a single- and dual-supply solution is shown in Figure
133. The ADP2370 and ADP5075, cascaded with the ADP7118 or
ADM7170, and the ADP7182 generate clean positive and negative
rails. These rails power the ADA4530-1, electrometer amplifier
and/or the precision converter in a typical signal chain.
Figure 133. Recommended Power Solutions
Table 16. Recommended Power Management Devices
Product
Description
ADP5075
800 mA, dc-to-dc inverting regulator
ADP2370
High voltage, 1.2 MHz/600 kHz, 800 mA, low quiescent current
buck regulator
ADP5070
1 A/0.6 A, dc-to-dc switching regulator with independent positive
and negative outputs
ADM7170
6.5 V, 500 mA, ultralow noise, high PSRR, CMOS LDO
ADP7118
20 V, 200 mA, low noise, high PSRR, CMOS LDO
ADP7182
−28 V, −200 mA, low noise, linear regulator
POWER SUPPLY CONSIDERATIONS
The PSRR of the ADA4530-1 is excellent at dc (approximately
150 dB); however, it decreases as frequency increases. To achieve
the best performance of the ADA4530-1, a low-noise supply is
necessary. If switching supplies are used for input rails, a low drop-
out regulator (LDO) is essential to attenuate the switching spurs
to a level that does not affect the ADA4530-1 output. Switching
power supply noise typically spans a frequency range from 300
kHz and up. The switching spurs can effectively be attenuated
using the LDO. Additional filtering around the LDO may be neces-
sary, especially when using a switching regulator to generate an
intermediate rail. Switching regulators also generate high frequency
noise content (>100 MHz), even when running in the 100 kHz
range, because of the high dv/dt of the switch node. In this case,
ferrite beads can be used, as described in the AN-1120 Application
Note and the AN-1368 Application Note.
For a single-supply application, the ADA4530-1 typically needs a
5 V, 10 V, or 12 V supply, although a 4.5 V to 16 V supply can
also be used. An LDO like the ADM7170 or ADP7118 is ideal to
generate the low noise rail.
For a dual-supply application, the ADA4530-1 typically needs a
±5 V supply, although in some applications, a ±2.5 V to ±8 V supply
can be used. LDOs like the ADP7118 or ADM7170 are the optimum
choices for the positive supply, and the ADP7182 for the negative
supply. In addition, if a negative supply is not already available, the
ADP5075 or the ADP5070 can generate the negative supply from a
positive supply, as shown in Figure 133.
Figure 134 shows the combined PSRR of using the ADP7118 to
provide +5 V on +VSY of the ADA4530-1, and the ADP7182 to
provide –5 V on–VSY, from a 9 V battery main supply. Figure
135 shows the maximum allowable ripple at the input so that the
combined PSRR of the LDO and the amplifier can still attenuate the
noise level down to the noise floor.
For example, if the main supply to the ADP7118 and ADA4530-1
has a switching noise of 20 mV p-p at 300 kHz, Figure 135 shows
that it is below the maximum value of 90 mV p-p. Therefore, the
combined PSRR of the system can still attenuate and bring the
noise level down to the noise floor, in effect, the 300 kHz noise at
the input is not seen at the output of the amplifier.
Figure 134. Positive and Negative PSRR for the ADP7118 and ADP7182
Powering ADA4530-1, ±VSY = ±5 V, +IN = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com