Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013IP Datasheet(PDF) 13 Page - Texas Instruments

Part # LT1013IP
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LT1013IP Datasheet HTML 9Page - Texas Instruments LT1013IP Datasheet HTML 10Page - Texas Instruments LT1013IP Datasheet HTML 11Page - Texas Instruments LT1013IP Datasheet HTML 12Page - Texas Instruments LT1013IP Datasheet HTML 13Page - Texas Instruments LT1013IP Datasheet HTML 14Page - Texas Instruments LT1013IP Datasheet HTML 15Page - Texas Instruments LT1013IP Datasheet HTML 16Page - Texas Instruments LT1013IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 5
TA − Free-Air Temperature − °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
−50
−25
0
25
50
75
100
125
0
−5
−10
−15
−20
−25
−30
VCC± = 5 V, VCC− = 0
VCC± = ±2.5 V
VCC± = ±15 V
VIC = 0
Figure 6
IIB − Input Bias Current − nA
0
COMMON-MODE INPUT VOLTAGE
vs
INPUT BIAS CURRENT
−15
−10
−5
5
10
15
0
−5
−10
−15
−20
−25
−30
−1
0
1
2
3
4
5
TA = 25°C
VCC± = ±15 V
(left scale)
VCC± = 5 V
VCC− = 0
(right scale)
RL − Load Resistance − Ω
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
100
400
1 k
4 k
10 k
10
4
1
0.4
0.1
VCC± = ±15 V
VO = ±10 V
TA = −55°C
TA = 25°C
TA = 125°C
Figure 7
RL − Load Resistance − Ω
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
100
400
1 k
4 k
10 k
VCC± = 5 V, VCC− = 0
VO = 20 mV to 3.5 V
TA = −55°C
TA = 25°C
TA = 125°C
10
4
1
0.4
0.1
Figure 8
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com