Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013IP Datasheet(PDF) 21 Page - Texas Instruments

Part # LT1013IP
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013IP Datasheet(HTML) 21 Page - Texas Instruments

Back Button LT1013IP Datasheet HTML 17Page - Texas Instruments LT1013IP Datasheet HTML 18Page - Texas Instruments LT1013IP Datasheet HTML 19Page - Texas Instruments LT1013IP Datasheet HTML 20Page - Texas Instruments LT1013IP Datasheet HTML 21Page - Texas Instruments LT1013IP Datasheet HTML 22Page - Texas Instruments LT1013IP Datasheet HTML 23Page - Texas Instruments LT1013IP Datasheet HTML 24Page - Texas Instruments LT1013IP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
typical applications
5 V
100 pF
2 k
Ω
Q4
2N2222
Q3
2N2905
5 V
68
Ω
4.3 k
Ω
LT1004
1.2 V
4 k
Ω†
10 k
Ω†
1 k
Ω
4-mA
Trim
IN
0 to 4 V
4 mA to 20 mA
to Load
2.2 k
Ω Max
100
Ω†
10 k
Ω†
10 k
Ω†
20-mA Trim
100 k
Ω
5 V
0.33
µF
10 k
Ω 10 kΩ
820
Ω
Q2
2N2905
SN74HC04 (6)
820
Ω
Q1
2N2905
1N4002 (4)
10
µF
10
µF
T1‡
0.002
µF
1/2
LT1013
1/2
LT1013
80 k
Ω†
+
−
+
−
+
+
† 1% film resistor. Match 10-kΩ resistors to within 0.05%.
‡ T1 = PICO-31080
Figure 30. 5-V 4-mA to 20-mA Current-Loop Transmitter With 12-Bit Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com