Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013IP Datasheet(PDF) 16 Page - Texas Instruments

Part # LT1013IP
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013IP Datasheet(HTML) 16 Page - Texas Instruments

Back Button LT1013IP Datasheet HTML 12Page - Texas Instruments LT1013IP Datasheet HTML 13Page - Texas Instruments LT1013IP Datasheet HTML 14Page - Texas Instruments LT1013IP Datasheet HTML 15Page - Texas Instruments LT1013IP Datasheet HTML 16Page - Texas Instruments LT1013IP Datasheet HTML 17Page - Texas Instruments LT1013IP Datasheet HTML 18Page - Texas Instruments LT1013IP Datasheet HTML 19Page - Texas Instruments LT1013IP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
100
1000
300
110
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE
AND EQUIVALENT INPUT NOISE CURRENT
vs
FREQUENCY
30
10
100
VCC± = ±2 V to ±18 V
TA = 25°C
1/f Corner = 2 Hz
In
Vn
1k
1200
800
400
0
02
4
6
1600
t − Time − s
PEAK-TO-PEAK INPUT NOISE VOLTAGE
OVER A
10-SECOND PERIOD
2000
810
VCC± = ±2 V to ±18 V
f = 0.1 Hz to 10 Hz
TA = 25°C
Figure 18
Figure 19
t − Time −
µs
0
468
10
60
80
12
14
40
20
2
0
VCC± = ±15 V
AV = 1
TA = 25°C
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
−40
−60
−80
−20
Figure 20
0
−5
−15
0
50
100 150
5
15
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
20
200 250 300 350
−10
10
VCC± = ±15 V
AV = 1
TA = 25°C
t − Time −
µs
−20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com