Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12864-12-FC-R-ST-ELP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12864-12-FC-R-ST-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-FC-R-ST-ELP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12864-12-FC-R-ST-ELP Datasheet HTML 1Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 2Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 3Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 4Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 5Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 6Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 7Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 8Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PACIFIC DISPLAY DEVICES
LCD Component Data Sheet
Model Number: 12864-12
128 x 64 Dot
STN Graphic LCD Assembly
With T-6963C Graphics Controller
LED / EL Panel Backlight
CONTENTS
1.
GENERAL INFORMATION
1.1 Product Overview
2
1.2 Part Options and Numbering System
2
1.3 Absolute Maximum Ratings
3
1.4 Circuit Block Diagram
3
1.5 Mechanical Characteristics
3
1.6 Input Signal Function
4
1.7 LCM Power, Contrast Control and Bias
4
1.8 LCD Dimensions
5
2.
ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics
6
2.2 AC Electrical Characteristics
7
2.3 Optical Characteristics
9
2.4 LED Backlight Characteristics
11
2.5 EL Panel Backlight Characteristics
11
3.
LCD CONTROLLER CHARACTERISTICS
3.1 LCD Controller Display and Control Functions (T6963)
12
3.2 LCD Controller Command List
25
3.3 LCD Controller Character Code map
26
3.4 Application Circuits
27
4.
RELIABILITY
28
5.
PRECAUTIONS FOR USING LCD MODULES
29
139 Avenida Victoria – Suite 100 – San Clemente, CA – 92672
Tel: 949-361-8957 – Fax: 949-361-9158 – Web: www.pacificdisplay.com


Similar Part No. - 12864-12-FC-R-ST-ELP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12864 ETC2-12864 Datasheet
290Kb / 7P
LCD MODULE BRIEF INTRODUCTION USERS GUIDE
logo
Heyco.
12864 HEYCO-12864 Datasheet
91Kb / 1P
Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
88Kb / 1P
Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
89Kb / 1P
Stainless Steel Cable Ties
logo
List of Unclassifed Man...
12864A ETC-12864A Datasheet
97Kb / 1P
128 X 64 DOTS
More results

Similar Description - 12864-12-FC-R-ST-ELP

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PG12864LRS-JNN-B POWERTIP-PG12864LRS-JNN-B Datasheet
189Kb / 14P
LCD Module(128 dots X 64 dots, STN LCD, LED Backlight)
logo
List of Unclassifed Man...
DG-12864 ETC-DG-12864 Datasheet
121Kb / 1P
128 X 64 DOTS 1/64 DUTY STN REFLECTIVE / EL/ LED BACKLIGHT
240128-06 ETC2-240128-06 Datasheet
496Kb / 32P
240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
logo
Hantronix,Inc
HDG12864L-4 HANTRONIX-HDG12864L-4_15 Datasheet
48Kb / 1P
128 X 64 Dots Graphic with LED Backlight
HDG12864L-6 HANTRONIX-HDG12864L-6_15 Datasheet
129Kb / 1P
128 X 64 Dots Graphic, LED Backlight
HDG12864L-7 HANTRONIX-HDG12864L-7_15 Datasheet
46Kb / 1P
128 X 64 Dots Graphic with LED Backlight
HDG12864L-7-X11S HANTRONIX-HDG12864L-7-X11S Datasheet
51Kb / 2P
128 X 64 Dots Graphic with LED Backlight
logo
List of Unclassifed Man...
19264-05 ETC-19264-05 Datasheet
517Kb / 18P
192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
06.27.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com