Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12864-12-FC-R-ST-ELP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 12864-12-FC-R-ST-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-FC-R-ST-ELP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  12864-12-FC-R-ST-ELP Datasheet HTML 1Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 2Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 3Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 4Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 5Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 6Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 7Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 8Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
3
1.3 Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply voltage for logic
VDD
-0.3
7.0
V
Supply voltage for LCD
VDD – Vo
-0.3
10.0
V
Input voltage
VI
-0.3
VDD +0.3
V
Standard Operating temperature
TOP (-ST)
0
50
ºC
Standard Storage temperature
TST (-ST)
-10
60
ºC
Extended Operating temperature
TOP (-ET)
-20
70
ºC
Extended Storage temperature
TST (-ET)
-30
80
ºC
Soldering Temp
Tsolder
260
ºC
1.4 Circuit Block Diagram
1.5 Mechanical Characteristics
Item
Contents
Unit
Module size (W
×H×T)
78.0 x 70.0 x 13.0 Max (LED Backlight)
78.0 x 70.0 x 10.5 Max (No LED Backlight)
mm
mm
Viewing area (W
×H)
62.0 x 44.0
mm
Active area (W
×H)
56.28 x 38.36
mm
Number of dots
128 x 64
dots
Dot size (W
×H)
0.40 x 0.56
mm
Dot pitch (W
×H)
0.44 x 0.60
mm
Display Frame Ground
C64
S128
T6A40 x 1
COM. Driver
T6A39 x 2
SEG Driver
LCD Panel
128 x 64 Dots
ELED / ELP
Backlight
D0 – D7
/RD
/WR
/CE
/RST
FS
VDD
VSS
Anode
Cathode
FG
Bias
Circuitry
To LSI
VO
Controller
LSI
T-6963C
(6MHz)
C/D
8K
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com