Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12864-12-FC-R-ST-ELP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 12864-12-FC-R-ST-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-FC-R-ST-ELP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  12864-12-FC-R-ST-ELP Datasheet HTML 1Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 2Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 3Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 4Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 5Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 6Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 7Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 8Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
4
1.6 Input Signal Function
Pin No.
Symbol
Level
Description
1
FG
--
Frame Ground
2
VSS
0V
Ground
3
VDD
5.0V
Supply voltage for logic
4
Vo
--
Supply voltage for LCD
5
/WR
H/L
/Data Write
6
/RD
H/L
/Data Read
7
/CE
H/L
/Chip Enable
8
C/D
H/L
Code / Data
9
/RST
L
/Reset
10-17
DB0-DB7
H/L
Bidirectional Data Bus Lines
18
FS
H/L
Font Select: H=6x8. L=8x8
19
LED K or BL1
---
LED Backlight Cathode Connection or EL Backlight power
20
LED A or BL2
---
LED Backlight Anode Connection or EL Backlight power
1.7 LCM Power, Contrast Control and Bias
VR:
20Kohm
Backlight
Power
VDD
VO
VSS
VDD
LCM
-8V
ELED
Backlight
A
K
VR:
20Kohm
Backlight
Power
VDD
VO
VSS
VDD
LCM
-8V
EL
Backlight
BL1
BL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com