Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD810ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD810ARZ Datasheet HTML 1Page - Analog Devices AD810ARZ Datasheet HTML 2Page - Analog Devices AD810ARZ Datasheet HTML 3Page - Analog Devices AD810ARZ Datasheet HTML 4Page - Analog Devices AD810ARZ Datasheet HTML 5Page - Analog Devices AD810ARZ Datasheet HTML 6Page - Analog Devices AD810ARZ Datasheet HTML 7Page - Analog Devices AD810ARZ Datasheet HTML 8Page - Analog Devices AD810ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AD810
Data Sheet
Rev. B | Page 4 of 22
AD810A
5962-9313201MPA1
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing3
RL = 150 Ω, TMIN to TMAX, VS = ±5 V
±2.5
±2.9
±2.5
±2.9
V
RL = 400 Ω, VS = ±15 V
±12.5
±12.9
±12.5
±12.9
V
RL = 400 Ω, TMIN to TMAX, VS = ±15 V
±12
±12
V
Short-Circuit Current
150
150
mA
Output Current
TMIN to TMAX, VS = ±5 V and ±15 V
40
60
30
60
mA
OUTPUT RESISTANCE
Open loop (5 MHz)
15
15
Ω
INPUT CHARACTERISTICS
Input Resistance
Positive input
2.5
10
2.5
10
MΩ
Negative input
40
40
Ω
Input Capacitance
Positive input
2
2
pF
DISABLE CHARACTERISTICS4
Off Isolation
f = 5 MHz, see Figure 59
64
64
dB
Off Output Resistance
See Figure 15, RG is gain resistor
(RF + RG)||13 pF
(RF + RG)||13 pF
Ω
Turn On Time5
Output impedance (ZOUT) = low, see
Figure 59
170
170
ns
Turn Off Time
ZOUT = high
100
100
ns
DISABLE Pin Current
DISABLE pin = 0 V, VS = ±5 V
50
75
50
75
µA
DISABLE pin = 0 V, VS = ±15 V
290
400
290
400
µA
Minimum DISABLE Pin
Current to Disable
TMIN to TMAX, VS = ±5 V and ±15 V
30
10
30
40
µA
POWER SUPPLY
Operating Range
25°C to TMAX
±2.5
±18
±2.5
±18
V
TMIN
±3.0
±18
±3.5
±18
V
Quiescent Current
VS = ±5 V
6.7
7.5
6.7
7.5
mA
VS = ±15 V
6.8
8.0
6.8
8.0
mA
TMIN to TMAX, VS = ±5 V and ±15 V
8.3
10.0
9
11.0
mA
Power-Down Current
VS = ±5 V
1.8
2.3
1.8
2.3
mA
VS = ±15 V
2.1
2.8
2.1
2.8
mA
TEMPERATURE
Operating Range (TMIN to
TMAX)
−40
+85
−55
+125
°C
1
See the Analog Devices military data sheet for 883B specifications.
2
Slew rate measurement is based on 10% to 90% rise time with the amplifier configured for a gain of −10.
3
Voltage swing is defined as useful operating range, not the saturation range.
4
Disable guaranteed break before make.
5
Turn on time is defined with ±5 V supplies using complementary output CMOS to drive the disable pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com