Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD810ARZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD810ARZ Datasheet HTML 14Page - Analog Devices AD810ARZ Datasheet HTML 15Page - Analog Devices AD810ARZ Datasheet HTML 16Page - Analog Devices AD810ARZ Datasheet HTML 17Page - Analog Devices AD810ARZ Datasheet HTML 18Page - Analog Devices AD810ARZ Datasheet HTML 19Page - Analog Devices AD810ARZ Datasheet HTML 20Page - Analog Devices AD810ARZ Datasheet HTML 21Page - Analog Devices AD810ARZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AD810
Data Sheet
Rev. B | Page 20 of 22
4:1 MULTIPLEXER
A multiplexer of arbitrary size can be formed by combining the
desired number of AD810 devices together with the appropriate
selection logic. The schematic in Figure 63 shows a recommenda-
tion for a 4:1 mux, which can be useful for driving a high
impedance such as the input to a video ADC. The output series
resistors effectively compensate for the combined output
capacitance of the off channels plus the input capacitance of the
ADC while maintaining wide bandwidth. In the case illustrated
in Figure 63, the −0.1 dB bandwidth is about 20 MHz with no
peaking. Switching time and off channel isolation (for the 4:1
mux) are about 250 ns and 60 dB at 10 MHz, respectively.
–2.5
–1.5
–0.5
–3.0
–2.0
–1.0
0.5
0
1M
10M
100M
0
–45
–90
–135
–180
–225
–270
FREQUENCY (Hz)
PHASE
GAIN
VS = ±15V
RL = 10kΩ
CL = 10pF
Figure 61. Closed-Loop Gain and Phase Shift vs. Frequency for 4:1 Mux,
On Channel
–70
–60
–50
–45
–40
–35
–30
–25
–75
–65
–55
1M
10M
100M
FREQUENCY (Hz)
Figure 62. Isolation vs. Frequency for 4:1 Mux, Off Channel
1kΩ
75Ω
AD810
2
3
6
7
4
8
+VS 0.1µF
SELECT A
–VS
0.1µF
VINA
33Ω
1kΩ
75Ω
AD810
2
3
6
7
4
8
+VS 0.1µF
SELECT B
–VS
0.1µF
VINB
33Ω
1kΩ
75Ω
AD810
2
3
6
7
4
8
+VS 0.1µF
SELECT C
–VS
0.1µF
VINC
33Ω
1kΩ
75Ω
AD810
2
3
6
7
4
8
+VS 0.1µF
SELECT D
–VS
0.1µF
VIND
33Ω
VOUT
RL
CL
Figure 63. 4:1 Multiplexer Driving a High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com