Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD810ARZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD810ARZ
Description  Low Power Video Op Amp with Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810ARZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD810ARZ Datasheet HTML 14Page - Analog Devices AD810ARZ Datasheet HTML 15Page - Analog Devices AD810ARZ Datasheet HTML 16Page - Analog Devices AD810ARZ Datasheet HTML 17Page - Analog Devices AD810ARZ Datasheet HTML 18Page - Analog Devices AD810ARZ Datasheet HTML 19Page - Analog Devices AD810ARZ Datasheet HTML 20Page - Analog Devices AD810ARZ Datasheet HTML 21Page - Analog Devices AD810ARZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
AD810
Data Sheet
Rev. B | Page 18 of 22
OPERATION AS A VIDEO LINE DRIVER
The AD810 is designed to offer outstanding performance at
closed-loop gains of 1 or greater. At a gain of 2, the low
differential gain and phase errors and wide −0.1 dB bandwidth
are nearly independent of supply voltage and load (as shown in
Figure 53 through Figure 55) making the AD810 an excellent
video line driver.
715Ω
75Ω
715Ω
75Ω
AD810
2
3
6
7
4
–VS
+VS 0.1µF
0.1µF
VIN
VOUT
75Ω
75Ω
CABLE
75Ω
CABLE
Figure 52. Video Line Driver Operating at Gain = +2
–4
–2
0
–5
–3
–1
1
1M
10M
1G
100M
0
–45
–90
–135
–180
–225
–270
FREQUENCY (Hz)
GAIN = +2
RF = 715Ω
RL = 150Ω
VS = ±15V
VS = ±5V
VS = ±2.5V
VS = ±15V
VS = ±5V
VS = ±2.5V
PHASE
GAIN
Figure 53. Closed-Loop Gain and Phase Shift vs. Frequency,
G = +2, RL = 150 Ω, RF = 715 Ω
0.01
0.03
0.05
0
0.02
0.04
0.06
0.07
0.08
0.09
56789
10
11
12
13
14
15
0.18
0.10
0.20
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
SUPPLY VOLTAGE (±V)
GAIN = +2
RF = 715Ω
RL = 150Ω
f = 3.58MHz
100 IRE
MODULATED RAMP
GAIN
PHASE
Figure 54. Differential Gain and Differential Phase vs. Supply Voltage
0.1
0
–0.1
0.1
0
–0.1
100k
1M
10M
100M
FREQUENCY (Hz)
RL = 150Ω
RL = 1kΩ
±15V
±5V
±2.5V
±15V
±5V
±2.5V
Figure 55. Normalized Gain vs. Frequency for Various Supply Voltages,
Gain = +2, RF = 715 Ω
20
45
60
80
100
110
10
30
50
70
90
0
4
8
12
16
20
2
6
10
14
18
SUPPLY VOLTAGE (±V)
GAIN = +2
RL = 150Ω
VOUT = 250mV p-p
RF = 500Ω
RF = 750Ω
RF = 1kΩ
PEAKING ≤ 1dB
PEAKING ≤ 0.1dB
Figure 56. −3 dB Bandwidth vs. Supply Voltage, G = +2, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com