Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9840 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 2Page - NXP Semiconductors TDA9840 Datasheet HTML 3Page - NXP Semiconductors TDA9840 Datasheet HTML 4Page - NXP Semiconductors TDA9840 Datasheet HTML 5Page - NXP Semiconductors TDA9840 Datasheet HTML 6Page - NXP Semiconductors TDA9840 Datasheet HTML 7Page - NXP Semiconductors TDA9840 Datasheet HTML 8Page - NXP Semiconductors TDA9840 Datasheet HTML 9Page - NXP Semiconductors TDA9840 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1998 Jul 03
6
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
PINNING
SYMBOL
PIN
DESCRIPTION
SDA
1
I2C-bus data input/output
CAGC
2
AGC capacitor of pilot frequency amplifier
CLP
3
identification low-pass capacitor
CDCL
4
DC loop capacitor
Vi pil
5
pilot frequency input voltage
Cref
6
capacitor of reference voltage (1
⁄2VP)
Vi 1
7
AF input signal Vi1 (from 1st sound carrier)
Vi 2
8
AF input signal Vi 2 (from 2nd sound carrier)
Vi 3
9
AF input signal Vi 3 (NICAM or AM sound (standard L))
Vi 4
10
AF input signal Vi 4 (NICAM)
Vo 4
11
AF output signal Vo 4 (SCART)
Vo 3
12
AF output signal Vo 3 (SCART)
Vo 2
13
AF output signal Vo 2 (main)
Vo 1
14
AF output signal Vo 1 (main)
CD1
15
50
µs de-emphasis capacitor of AF Channel 1
GND
16
ground (0 V)
CD2
17
50
µs de-emphasis capacitor of AF Channel 2
VP
18
supply voltage (+5 to +8 V)
XTAL
19
10 MHz crystal input
SCL
20
I2C-bus clock input
Fig.3 Pin configuration.
fpage
TDA9840
MBE459
1
2
3
4
5
6
7
8
9
10
SDA
C
C
C
V
C
V
V
V
20
19
18
17
16
15
14
13
12
11
SCL
XTAL
V
C
GND
C
V
V
AGC
LP
DCL
i pil
ref
i 1
i 2
i 3
Vi 4
P
D2
D1
o 1
o 2
V
V
o 3
o 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com