Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9840 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 18Page - NXP Semiconductors TDA9840 Datasheet HTML 19Page - NXP Semiconductors TDA9840 Datasheet HTML 20Page - NXP Semiconductors TDA9840 Datasheet HTML 21Page - NXP Semiconductors TDA9840 Datasheet HTML 22Page - NXP Semiconductors TDA9840 Datasheet HTML 23Page - NXP Semiconductors TDA9840 Datasheet HTML 24Page - NXP Semiconductors TDA9840 Datasheet HTML 25Page - NXP Semiconductors TDA9840 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
1998 Jul 03
22
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
INTERNAL CIRCUITRY
Fig.7 Internal circuits.
handbook, full pagewidth
Ω
2 k
+
+
25 k
Ω
+
1
2
3
68
µA
40
µA
+
5 k
Ω
5 k
Ω
40
µA
+
60
µA
4
5
1/2 V
P
1/2 V
P
1/2 V
P
1/2 V
P
1/2 V
P
6
I
7
I
B
8
I
B
9
I
B
10
I
B
B
5 k
Ω
2 k
Ω
+
–
+
5 k
Ω
3 pF
13 k
Ω
20
19
18
–
+
5 k
Ω
17
16
–
+
5 k
Ω
15
+
200
µA
+
200
µA
+
200
µA
+
200
µA
14
13
12
11
TDA9840
AF outputs
AF inputs
V
P
GND
SDA
C
AGC
C
LP
C
DCL
V
i pil
C
ref
V
i 1
V
i 2
V
i 3
V
i 4
V
o 1
V
o 2
V
o 3
V
o 4
C
D1
C
D2
SCL
XTAL
25 k
Ω
–2 dB
22.5 k
Ω
25 k
Ω
+
10 k
Ω
40 k
Ω
10 k
Ω
–2 dB
40 k
Ω
25 k
Ω
–6 dB
25 k
Ω
25 k
Ω
–6 dB
25 k
Ω
+
+
+5 V
ESD protection diode
for pins 2 to 15, 17 and 19
zener diode protection
for pins 1, 18 and 20
V
P
5 k
Ω
MBE461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com