Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9840 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 12Page - NXP Semiconductors TDA9840 Datasheet HTML 13Page - NXP Semiconductors TDA9840 Datasheet HTML 14Page - NXP Semiconductors TDA9840 Datasheet HTML 15Page - NXP Semiconductors TDA9840 Datasheet HTML 16Page - NXP Semiconductors TDA9840 Datasheet HTML 17Page - NXP Semiconductors TDA9840 Datasheet HTML 18Page - NXP Semiconductors TDA9840 Datasheet HTML 19Page - NXP Semiconductors TDA9840 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1998 Jul 03
16
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
I2C-BUS FORMAT
X is the read/write control bit; X = 0, order to write (the circuit is slave receiver); X = 1, order to read (the circuit is slave
transmitter). If more than 1 byte of DATA is transmitted, then auto-increment of the significant subaddress is performed.
Table 2
I2C-bus; SLAVE ADDRESS/SUBADDRESS/DATA format
Table 3
Explanation of Table 2
Table 4
I2C-bus; SLAVE ADDRESS/DATA to read the status byte (X = 1 in the address byte)
Table 5
Explanation of Table 4
S
SLAVE ADDRESS
A
SUBADDRESS
A
DATA
P
BIT
FUNCTION
S
start condition
SLAVE ADDRESS
1000 010X
A
acknowledge, generated by the slave
SUBADDRESS
dual sound A/B
DATA
data byte; see Table 6
P
stop condition
FUNCTION
SLAVE
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
Status byte
1000 0101
PONRES
ST
DS
00000
BIT
FUNCTION
PONRES = 0
after a successful reading of the status register
PONRES = 1
after power-on reset or after supply breakdown
ST = 0; DS = 0
MONO sound identified
ST = 0; DS = 1
DUAL sound identified
ST = 1; DS = 0
STEREO sound identified
ST = 1; DS = 1
incorrect identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com