Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST85W Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 13Page - STMicroelectronics M41ST85W Datasheet HTML 14Page - STMicroelectronics M41ST85W Datasheet HTML 15Page - STMicroelectronics M41ST85W Datasheet HTML 16Page - STMicroelectronics M41ST85W Datasheet HTML 17Page - STMicroelectronics M41ST85W Datasheet HTML 18Page - STMicroelectronics M41ST85W Datasheet HTML 19Page - STMicroelectronics M41ST85W Datasheet HTML 20Page - STMicroelectronics M41ST85W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17/34
M41ST85W
Setting Alarm Clock Registers
Address locations 0Ah-0Eh contain the alarm set-
tings. The alarm can be configured to go off at a
prescribed time on a specific month, date, hour,
minute, or second, or repeat every year, month,
day, hour, minute, or second. It can also be pro-
grammed to go off while the M41ST85W is in the
battery back-up to serve as a system wake-up call.
Bits RPT5–RPT1 put the alarm in the repeat mode
of operation. Table 3. shows the possible configu-
rations. Codes not listed in the table default to the
once per second mode to quickly alert the user of
an incorrect alarm setting.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT5–RPT1, the AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set, the alarm condi-
tion activates the IRQ/FT/OUT pin as shown in
Figure 17.. To disable alarm, write '0' to the Alarm
Date Register and to RPT5–RPT1.
Note: If the address pointer is allowed to incre-
ment to the Flag Register address, an alarm con-
dition will not cause the Interrupt/Flag to occur until
the address pointer is moved to a different ad-
dress. It should also be noted that if the last ad-
dress written is the “Alarm Seconds,” the address
pointer will increment to the Flag address, causing
this situation to occur.
The IRQ/FT/OUT output is cleared by a READ to
the Flags Register. A subsequent READ of the
Flags Register is necessary to see that the value
of the Alarm Flag has been reset to '0.'
The IRQ/FT/OUT pin can also be activated in the
battery back-up mode. The IRQ/FT/OUT will go
low if an alarm occurs and both ABE (Alarm in Bat-
tery Back-up Mode Enable) and AFE are set. The
ABE and AFE Bits are reset during power-up,
therefore an alarm generated during power-up will
only set AF. The user can read the Flag Register
at system boot-up to determine if an alarm was
generated while the M41ST85W was in the dese-
lect mode during power-up. Figure 18., page 18 il-
lustrates the back-up mode alarm timing.
Figure 17. Alarm Interrupt Reset Waveform
Table 3. Alarm Repeat Modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm Setting
1
1111
Once per Second
1
1110
Once per Minute
1
1100
Once per Hour
1
1000
Once per Day
1
0000
Once per Month
0
0000
Once per Year
AI03664
IRQ/FT/OUT
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com