Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST85W Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 26Page - STMicroelectronics M41ST85W Datasheet HTML 27Page - STMicroelectronics M41ST85W Datasheet HTML 28Page - STMicroelectronics M41ST85W Datasheet HTML 29Page - STMicroelectronics M41ST85W Datasheet HTML 30Page - STMicroelectronics M41ST85W Datasheet HTML 31Page - STMicroelectronics M41ST85W Datasheet HTML 32Page - STMicroelectronics M41ST85W Datasheet HTML 33Page - STMicroelectronics M41ST85W Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
33/34
M41ST85W
REVISION HISTORY
Table 20. Document Revision History
Date
Version
Revision Details
August 2000
1.0
First issue
24-Aug-00
1.1
Block Diagram added (Figure 3)
12-Oct-00
1.2
trec Table removed, cross references corrected
18-Dec-00
2.0
Reformatted, TOC added, and PFI Input Leakage Current added (Table 11)
18-Jun-01
2.1
Addition of trec information, table changed, one added (Tables 2, 6); changed PFI/PFO
graphic (see Figure 6); change to DC and AC Characteristics, Order Information (Tables
11, 12, 18); note added to “Setting Alarm Clock Registers” section; added temp./voltage
info. to tables (Table 10, 11, 6, 12, 13); addition of Default Values (Table 7)
22-Jun-01
2.2
Note added to Clock Operation section
26-Jul-01
3.0
Change in Product Maturity
07-Aug-01
3.1
Improve text in “Setting the Alarm Clock” section
20-Aug-01
3.2
Change VPFD values in document
06-Sep-01
3.3
DC Characteristics VBAT changed; VOHB changed; PFI Hysteresis (PFI Rising) spec.
added; and Crystal Electrical Characteristics table removed (Tables 11, 6)
03-Dec-01
3.4
Changed READ/WRITE Mode Sequences (Figure 12, 14); change in VPFD lower limit for
5V (M41ST85Y) part only (Table 11, 18)
01-May-02
3.5
Change trec Definition (Table 6); modify reflow time and temperature footnote (Table 8)
03-Jul-02
3.6
Modify DC Characteristics table footnote, Default Values (Tables 11, 7)
15-Nov-02
3.7
Added embedded crystal (MX) package option; corrected initial power-up condition (Figure
2, 3, 5, 6, 7, 26, Table 1, 7, 18, 17)
24-Jan-03
3.8
Update diagrams (Figure 6, 7, 26); update values (Table 13, 5, 6, 7, 17)
25-Feb-03
4.0
New Si changes (Table 13, 5, 6); corrected dimensions (Figure 26; Table 17)
20-May-04
5.0
Reformatted; correct dimensions; update Lead-free information (Figure 22, 15, 18; Table 8,
16, 18)
15-Jun-04
6.0
Update characteristics; add package shipping (Figure 5; Table 1, 11, 18)
13-Sep-04
7.0
Update Maximum ratings (Table 8)
10-Jan-06
8.0
Updated template, Lead-free text, removed 5V references (Figure 3, 4, 5, 6, 7; Table 5, 8,
9, 11, 12, 13, 18, 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com