Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST85W Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 14Page - STMicroelectronics M41ST85W Datasheet HTML 15Page - STMicroelectronics M41ST85W Datasheet HTML 16Page - STMicroelectronics M41ST85W Datasheet HTML 17Page - STMicroelectronics M41ST85W Datasheet HTML 18Page - STMicroelectronics M41ST85W Datasheet HTML 19Page - STMicroelectronics M41ST85W Datasheet HTML 20Page - STMicroelectronics M41ST85W Datasheet HTML 21Page - STMicroelectronics M41ST85W Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
M41ST85W
18/34
Figure 18. Back-Up Mode Alarm Waveform
Watchdog Timer
The watchdog timer can be used to detect an out-
of-control microprocessor. The user programs the
watchdog timer by setting the desired amount of
time-out into the Watchdog Register, address 09h.
Bits BMB4-BMB0 store a binary multiplier and the
two lower order bits RB1-RB0 select the resolu-
tion, where 00=1/16 second, 01=1/4 second, 10=1
second, and 11=4 seconds. The amount of time-
out is then determined to be the multiplication of
the five-bit multiplier value with the resolution. (For
example: writing 00001110 in the Watchdog Reg-
ister = 3*1 or 3 seconds).
Note: The accuracy of the timer is within ± the se-
lected resolution.
If the processor does not reset the timer within the
specified period, the M41ST85W sets the WDF
(Watchdog Flag) and generates a watchdog inter-
rupt or a microprocessor reset.
The most significant bit of the Watchdog Register
is the Watchdog Steering Bit (WDS). When set to
a '0,' the watchdog will activate the IRQ/FT/OUT
pin when timed-out. When WDS is set to a '1,' the
watchdog will output a negative pulse on the RST
pin for trec. The Watchdog register, FT, AFE, ABE
and SQWE Bits will reset to a '0' at the end of a
Watchdog time-out when the WDS Bit is set to a
'1.'
The watchdog timer can be reset by two methods:
1) a transition (high-to-low or low-to-high) can be
applied to the Watchdog Input pin (WDI) or 2) the
microprocessor can perform a WRITE of the
Watchdog Register. The time-out period then
starts over.
Note: The WDI pin should be tied to VSS if not
used.
In order to perform a software reset of the watch-
dog timer, the original time-out period can be writ-
ten
into
the
Watchdog
Register,
effectively
restarting the count-down cycle.
Should the watchdog timer time-out, and the WDS
Bit is programmed to output an interrupt, a value of
00h needs to be written to the Watchdog Register
in order to clear the IRQ/FT/OUT pin. This will also
disable the watchdog function until it is again pro-
grammed correctly. A READ of the Flags Register
will reset the Watchdog Flag (Bit D7; Register
0Fh).
The watchdog function is automatically disabled
upon power-up and the Watchdog Register is
cleared. If the watchdog function is set to output to
the IRQ/FT/OUT pin and the frequency test func-
tion is activated, the watchdog function prevails
and the frequency test function is denied.
AI03920
VCC
IRQ/FT/OUT
VPFD
ABE, AFE Bits in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com