Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7280QR-C72M-R Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # DCS-7280QR-C72M-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280QR-C72M-R Datasheet(HTML) 5 Page - Arista Networks, Inc

  DCS-7280QR-C72M-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
7280R Series | Features
Layer 2 Features
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• Rapid Per Vlan Spanning Tree (RPVST+)
• 4096 VLANs
• Q-in-Q
• 802.3ad Link Aggregation/LACP
• 64 Ports / Channel
• 224 groups per system
• MLAG (Multi-Chassis Link Aggregation)
• Uses IEEE 802.3ad LACP
• 128 ports per MLAG
• 802.1Q VLANs/Trunking
• 802.1AB Link Layer Discovery Protocol
• 802.3x Flow Control
• Jumbo Frames (9216 Bytes)
• IGMP v1/v2/v3 snooping
• Storm Control
• 802.1 AVB
• SMPTE-2059-2
Layer 3 Features
• Static Routes
• Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2
• 128-way Equal Cost Multipath Routing (ECMP)
• VRF
• Bi-Directional Forwarding Detection (BFD)
• Unicast Reverse Path Forwarding (uRPF)
• VRRP
• Virtual ARP (VARP)
• Policy Based Routing (PBR)
• Route Maps
Multicast
• IGMP v2/v3
• Protocol Independent Multicast (PIM-SM / PIM-SSM)
• PIM-BiDir
• Anycast RP (RFC 4610)
• Multicast Source Discovery Protocol (MSDP)
Advanced Monitoring and Provisioning
• Latency Analyzer and Microburst Detection (LANZ)
• Con gurable Congestion Noti cation (CLI, Syslog) *
• Streaming Events (GPB Encoded) *
• Capture/Mirror of congested tra c *
• Zero Touch Provisioning (ZTP)
• Advanced Mirroring
• Port Mirroring (14 sessions)
• Enhanced Remote Port Mirroring
• SPAN/TAP M:N Aggregation
• L2/3/4 Filtering
• Advanced Event Management suite (AEM)
• CLI Scheduler
• Event Manager
• Event Monitor
• Linux tools
• Integrated packet capture/analysis with TCPDump
• Restore and Con gure from USB
• RFC 3176 sFlow
• Optional SSD for logging and data capture
• IEEE 1588 PTP
Virtualization Support
• VXLAN Bridging and Routing (VRF, MLAG)
• VM Tracer VMware Integration
Security Features
• Control Plane Protection (CPP)
• Ingress / Egress ACLs using L2, L3, L4 elds
• Ingress / Egress ACL Logging and Counters
• MAC ACLs
• ACL Deny Logging
• ACL Counters
• Atomic ACL Hitless restart
• DHCP Relay / Snooping *
• MAC Security
• TACACS+
• RADIUS
• ARP trapping and rate limiting
Quality of Service (QoS) Features
• Up to 8 queues per port
• Strict priority queueing
• 802.1p based classi cation
• DSCP based classi cation and remarking
• Egress shaping / Weighted round robin (WRR)
• Policing / Shaping
• Rate limiting *
• Explicit Congestion Noti cation (ECN) marking
• 802.1Qbb Per-Priority Flow Control (PFC)
• 802.1Qaz Enhanced Transmission Selection (ETS)*
• Data Center Bridging Extensions (DCBX)
Network Management
• CloudVision
• Con guration rollback and commit
• 100/1000 Management Port
• RS-232 Serial Console Port
• USB Port
• SNMP v1, v2, v3
• Management over IPv6
• Telnet and SSHv2
• Syslog
• AAA
• Industry Standard CLI
• Beacon LED for system identi cation
• System Logging
• Environment monitoring
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com