Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7280QR-C72M-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DCS-7280QR-C72M-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280QR-C72M-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  DCS-7280QR-C72M-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
7280TR-48C6: 48 port 10GbE BASE-T and 6 ports 100GbE
- O ers 48 wire speed 100M/1G/10G RJ45 ports
- Six 100G QSFP ports allow choice of 6 x 100GbE, 24x 25GbE, 6x 40GbE, or 24x 10GbE
- 2.16Tbps of wire speed performance with 4GB of bu er
7280SR-48C6: 48 port SFP+ and 6 ports 100GbE
- O ers 48 wire speed 1/10G SFP+ ports
- Six 100G QSFP ports allow choice of 6 x 100GbE, 24x 25GbE, 6x 40GbE, or 24x 10GbE
- 2.16Tbps of wire speed performance with 4GB of bu er
7280SR2A-48YC6 and 7280SR2-48YC6: 48 port 25GbE SFP and 6 ports 100GbE
- O ers 48 wire speed 1/10/25G SFP ports with FC and RS FEC
- SFP ports o er 25G or 10G/1G speeds con gurable in groups of 4
- Six 100G QSFP ports allow choice of 6 x 100GbE, 24x 25GbE, 6x 40GbE, or 24x 10GbE
- 3.6Tbps of wire speed performance with 8GB of bu er
7280SR2K-48C6: 24 port SFP+, 24 port 25GbE SFP and 6 ports 100GbE
- O ers 48 wire speed SFP ports with 24 1/10G and 24 1/10/25G with FC and RS FEC
- 25G SFP ports o er 25G or 10G/1G speeds con gurable in groups of 4
- Six 100G QSFP ports allow choice of 6 x 100GbE, 24x 25GbE, 6x 40GbE, or 24x 10GbE
- 2.88Tbps of wire speed performance with 4GB of bu er
7280QR-C36 and 7280QRA-C36S: 24 port QSFP+ and 12 ports QSFP100
- O er a choice of ports combinations with QSFP+ and QSFP100 optics and cables
- The 7280QR-C36 o ers exible interface combinations up to - 12x100GbE, 36x40GbE,
24x50GbE, 48x 25GbE, 144x 10GbE
- The 7280QRA-C36S o ers exible interface combinations up to - 12x100GbE,
36x40GbE, 24x 50GbE1, 48x 25GbE2,120x 10GbE
- Up to 4.32Tbps of wire speed performance with 8GB of bu er
7280QR-C72: 56 port QSFP+ and up to 16 ports QSFP100
- Full 72 ports of 40G with exible combinations of up to 16 ports of 100GbE
- Maximum of 96 ports of 10G with 48 of 40G, or 56 of 40G and 8 ports of 100GbE
- QSFP100 ports with 5 speeds including 10GbE*, 25GbE*, 40GbE, 50GbE* and 100GbE
- 6.4Tbps of wire speed performance with 16GB of bu er
7280CR2A-30 and 7280CR2K-30: 30 port QSFP100
- Up to 30 100G ports with QSFP100
- Maximum of 120 ports of 10GbE or 25GbE with FC and RS FEC
- 6Tbps of wire speed performance with 12GB of bu er
7280CR-48: 48 port QSFP100 and 8 ports of QSFP+
- Up to 48 100G ports with QSFP100 and 8 ports of 40G with QSFP+
- Maximum of 224 ports of 10GbE or 192 ports of 25GbE
- 5 speeds for exible 10GbE, 25GbE, 40GbE, 50GbE and 100GbE with optics or cables
- 10.24Tbps of wire speed performance with 32GB of bu er
7280CR2-60, 7280CR2A-60 and 7280CR2K-60: 60 port QSFP100
- Up to 60 100G ports with QSFP100
- Maximum of 240 ports of 10GbE or 25GbE with FC and RS FEC
- 12Tbps of wire speed performance with 24GB of bu er
7280R Series | Technical Speci cations
Arista 7280QR-C72
Arista 7280CR-48
Arista 7280CR2-60, 7280CR2A-60 and 7280CR2K-60
Arista 7280SR2A-48YC6 and 7280SR2-48YC6
Arista 7280SR-48C6
Arista 7280TR-48C6
Arista 7280QR-C36 and 7280QRA-C36S
Arista 7280CR2A-30 and 7280CR2K-30
Arista 7280SR2K-48C6
1. Not currently supported in EOS
2. Max 24x 25GbE ports currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com