Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7280QR-C72M-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # DCS-7280QR-C72M-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280QR-C72M-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button DCS-7280QR-C72M-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7280QR-C72M-R Datasheet HTML 13Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Model
Comparison
7280CR2-60 E
7280CR2A-60 E
7280CR2K-60 E
7280CR2A-30 E
7280CR2K-30 E
7280SR2K-48C6 E
Ports
60 x QSFP100
60 x QSFP100
60 x QSFP100
30 x QSFP100
30 x QSFP100
24 x SFP25,
24 x SFP+
6 x QSFP100
Max 100GbE Ports
60
60
60
30
30
6
Max 50GbE Ports
120
120
120
60
60
12
Max 40GbE Ports
60
60
60
30
30
6
Max 25GbE Ports
240
240
240
120
120
48
Max 10GbE Ports
240
240
240
120
120
72
Throughput (fd)
12 Tbps
12 Tbps
12 Tbps
6 Tbps
6 Tbps
2.88 Tbps
Packets/Second
5.02 Bpps
5.02 Bpps
5.02 Bpps
2.51 Bpps
2.51 Bpps
835Mpps
Latency
From 3.8 us
From 3.8 us
From 3.8 us
From 3.8 us
From 3.8 us
From 3.8 us
CPU
Multi-core x86
Multi-core x86
Multi-core x86
Multi-core x86
Multi-core x86
Quad-Core x86
System Memory
16 Gigabytes
16 Gigabytes
16 Gigabytes
32 Gigabytes
32 Gigabytes
32 Gigabytes
Packet Bu er Memory
24 GB
24 GB
24 GB
12 GB
12 GB
4 GB
USB Ports
1
Flash Storage Memory
4 GB
SSD Storage Option
No
Included
Included
Yes
100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
Hot-swap Power
2 (1+1 redundant)
Hot-swap Fans
4 (N+1 redundant) 4 (N+1 redundant) 4 (N+1 redundant) 5 (N+1 redundant)
5 (N+1
redundant)
4 (N+1 redundant)
Reversible Air ow
No (front to rear)
No (front to rear)
No (front to rear)
No (front to rear)
No (front to rear)
Yes
Rack Units
2 U
2 U
2 U
1 U
1 U
1 U
Size (WxHxD)
19 x 3.5 x 25.2”
(48.3 x 8.9 x 64cm)
19 x 3.5 x 25.2”
(48.3 x 8.9 x 64cm)
19 x 3.5 x 25.2”
(48.3 x 8.9 x 64cm)
19 x 1.71 x 26.4”
(48.3 x 4.4 x 67 cm)
19 x 1.71 x 26.4”
(48.3x 4.4x 67 cm)
19 x 1.75 x16”
(48.3x 4.4x 40.6cm)
Typical/Max Power
Draw 1
1660W / 1850W
1760W / 1900W
1760W / 1900W
565W / 750W
565W / 750W
215W / 370W
Weight
54.8lbs (24.9kg)
54.8lbs (24.9kg)
54.8lbs (24.9kg)
34.2lbs (15.5kg)
34.2lbs (15.5kg)
20lbs (9kg)
NEBS
No
No
No
No
No
Yes
Fan Tray
FAN-7002H-F
FAN-7002H-F
FAN-7002H-F
FAN-7001D-F
FAN-7001D-F
FAN-7000H-F/R
Power Supplies
1900W AC
1900W DC
1900W AC
1900W DC
1900W AC
1900W DC
1600W AC
1600W DC
1600W AC
1600W DC
747W AC
1900W DC
AlgoMatch
No
Yes
Yes
Yes
Yes
Yes
Accelerated sFlow
Yes
Yes
Yes
Yes
Yes
Yes
EOS Feature License
Group 4
Group 4
Group 4
Group 3
Group 3
Group 2
Minimum EOS
4.20.2
4.19.1
4.20.1
4.20.3
4.20.3
4.20.4
7280R2 and 7280R2K | Technical Speci cations
1. Typical power consumption measured at 25C ambient with 50% load on all ports
E. Product is subject to an End of Sale notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com