Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments LSF0102 Datasheet HTML 15Page - Texas Instruments LSF0102 Datasheet HTML 16Page - Texas Instruments LSF0102 Datasheet HTML 17Page - Texas Instruments LSF0102 Datasheet HTML 18Page - Texas Instruments LSF0102 Datasheet HTML 19Page - Texas Instruments LSF0102 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Vref_A
Vref_B
EN
A1
A2
B1
B2
LSF010x
200 k
Vcc
Vcc
Rpu
GPIO
GPIO
GPIO
GPIO
Vref(A) = 1.8 V
Vpu = 5.0 V
Rpu
Rpu
Vpu = 3.3 V
GPIO
GPIO
1.8 V
A3
A4
B3
B4
A5
A6
B5
B6
SCL
SDA
GPIO
GPIO
MDIO
MDC
SCL
SDA
MDIO
MDC
Rpu
Rpu
SW
SW
SW
SW
SW
SW
SW
SW
Vcc
Figure 8-4. Multi-Voltage Translation with the LSF010x
8.2.3 Single Supply Translation
Sometimes, an external device will have an unknown voltage that could be above or below the desired
translation voltage, preventing a normal connection of the LSF. Resistors are added on the A side in place
of the second supply in this case – this is an example of when LSF single supply operation is utilized, shown in
Figure 9-5. In the following figure, a single 3.3V supply is used to translate between a 3.3V device and a device
that can change between 1.8V and 5.0V. R1 and R2 are added in place of the second supply. Note that due to
some current coming out of the Vref_A pin, this cannot be treated as a simple voltage divider.
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com