Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
II = –18mA,
VEN = 0
–1.2
V
IIH
VI = 5V
VEN = 0
5.0
µA
ICC
Vref_B = VEN = 5.5V, Vref_A = 4.5V, IO = 0, VI = VCC or GND
6
µA
CI(ref_A/B/EN)
VI = 3V or 0
11
pF
Cio(off)
VO = 3V or 0,
VEN = 0
4.0
6.0
pF
Cio(on)
VO = 3V or 0,
VEN = 3V
10.5
12.5
pF
ron (2)
VI = 0,
IO = 64mA
Vref_A = 3.3V; Vref_B = VEN = 5V
8.0
Ω
Vref_A = 1.8V; Vref_B = VEN = 5V
9.0
Vref_A = 1.0V; Vref_B = VEN = 5V
10
VI = 0,
IO = 32mA
Vref_A = 1.8V; Vref_B = VEN = 5V
10
Ω
Vref_A = 2.5V; Vref_B = VEN = 5V
15
VI = 1.8V,
IO = 15mA
Vref_A = 3.3V; Vref_B = VEN = 5V
9.0
Ω
VI = 1.0V,
IO = 10mA
Vref_A = 1.8V; Vref_B = VEN = 3.3V
18
Ω
VI = 0V,
IO = 10mA
Vref_A = 1.0V; Vref_B = VEN = 3.3V
20
Ω
VI = 0V,
IO = 10mA
Vref_A = 1.0V; Vref_B = VEN = 1.8V
30
Ω
(1)
All typical values are at TA = 25°C.
(2)
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On-state resistance is determined
by the lowest voltage of the two (A or B) pins.
5.6 LSF0102 AC Performance (Translating Down) Switching Characteristics , VCCB = 3.3V
over recommended operating free-air temperature range, VCCB = 3.3V, VCCB = VIH = Vref_A+ 1, VIL = 0, and VM = 0.5Vref_A
(unless otherwise noted) (see Figure 6-1)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50pF
CL = 30pF
CL = 15pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1.1
0.7
0.3
ns
tPHL
1.2
0.8
0.4
5.7 LSF0102 AC Performance (Translating Down) Switching Characteristics, VCCB = 2.5V
over recommended operating free-air temperature range, VCCB = 2.5V, VCCB = VIH = Vref_A+ 1, VIL = 0, and VM = 0.5Vref_A
(unless otherwise noted) (see Figure 6-1)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50pF
CL = 30pF
CL = 15pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1.2
0.8
0.35
ns
tPHL
1.3
1
0.5
5.8 LSF0102 AC Performance (Translating Up) Switching Characteristics, VCCB = 3.3V
over recommended operating free-air temperature range, VCCB = 3.3V, VCCB = VT = Vref_A+ 1, Vref_A = VIH, VIL = 0, VM =
0.5Vref_A and RL = 300 (unless otherwise noted) (see Figure 6-1)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50pF
CL = 30pF
CL = 15pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1
0.8
0.4
ns
tPHL
1
0.9
0.4
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com