Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
7.3.2 Output Enable
To enable the I/O pins, the EN input should be tied directly to Vref_B during operation and both pins must be
pulled up to the HIGH side (VCCB) through a bias resistor (typically 200kΩ). To be in the high impedance state
during power-up, power-down, or during operation, the EN pin must be LOW. The EN pin should always be tied
directly to the Vref_B pin and is recommended to be disabled by an open-drain driver without a pullup resistor.
This allows Vref_B to regulate the EN input and bias the channels for proper translation. A filter capacitor on Vref_B
is recommended for a stable supply at the device.
1.8 V
Vref_A
VCCB
EN
200 kΩ
Vref_B
3.3 V
A1
B1
0.1 μF
Figure 7-1. Enable Pin Tied to Vref_B Directly and to VCCB Through a Bias Resistor
The supply voltage of open drain I/O devices can be completely different from the supplies used for the LSF and
has no impact on the operation. For additional details on how to use the enable pin, see the Using the Enable
Pin with the LSF Family video.
Table 7-1. Enable Pin Function Table
INPUT EN(1) PIN
Data Port State
Tied directly to Vref_B
An = Bn
L
Hi-Z
(1)
EN is controlled by Vref_B logic levels.
7.4 Device Functional Modes
For each channel (n), when either the An or Bn port is LOW, the switch provides a low impedance path between
the An and Bn ports; the corresponding Bn or An port will be pulled LOW. The low RON of the switch allows
connections to be made with minimal propagation delay and signal distortion.
Table 7-1 provides a summary of device operation. For additional details on the functional operation of the LSF
family of devices, see the Down Translation with the LSF Family and Up Translation with the LSF Family videos.
Table 7-2. Device Functionality
Signal Direction(1)
Input State
Switch State
Functionality
B to A (Down Translation)
B = LOW
ON
(Low Impedance)
A-side voltage is pulled low through the switch to the B-side voltage
B = HIGH
OFF
(High Impedance)
A-side voltage is clamped at Vref_A (2)
A to B (Up Translation)
A = LOW
ON
(Low Impedance)
B-side voltage is pulled low through the switch to the A-side voltage
A = HIGH
OFF
(High Impedance)
B-side voltage is clamped at Vref_A and then pulled up to the VPU
supply voltage
(1)
The downstream channel should not be actively driven through a low impedance driver, or else bus contention may occur.
(2)
The A-side can have a pullup to Vref_A for additional current drive capability or may also be pulled above Vref_A with a pullup resistor.
Specifications in the Recommended Operating Conditions section should always be followed.
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com