Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F946-E/MLQTP Datasheet(PDF) 230 Page - Microchip Technology

Part # PIC16F946-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F946-E/MLQTP Datasheet(HTML) 230 Page - Microchip Technology

Back Button PIC16F946-E/MLQTP Datasheet HTML 226Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 227Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 228Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 229Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 230Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 231Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 232Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 233Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 228
© 2007 Microchip Technology Inc.
LVDCON
109h
--00 -100
--00 -100
--uu -uuu
EEDATL
10Ch
0000 0000
0000 0000
uuuu uuuu
EEADRL
10Dh
0000 0000
0000 0000
uuuu uuuu
EEDATH
10Eh
--00 0000
0000 0000
uuuu uuuu
EEADRH
10Fh
---0 0000
0000 0000
uuuu uuuu
LCDDATA0
110h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA1
111h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA2(6)
112h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA3
113h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA4
114h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA5(6)
115h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA6
116h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA7
117h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA8(6)
118h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA9
119h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA10
11Ah
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA11(6)
11Bh
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDSE0
11Ch
0000 0000
uuuu uuuu
uuuu uuuu
LCDSE1
11Dh
0000 0000
uuuu uuuu
uuuu uuuu
LCDSE2(6)
11Eh
0000 0000
uuuu uuuu
uuuu uuuu
TRISF(7)
185h
1111 1111
1111 1111
uuuu uuuu
TRISG(7)
187h
--11 1111
--11 1111
--uu uuuu
PORTF(7)
188h
xxxx xxxx
0000 0000
uuuu uuuu
PORTG(7)
189h
--xx xxxx
--00 0000
--uu uuuu
LCDDATA12(7)
190h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA13(7)
191h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA14(7)
192h
---- --xx
---- --uu
---- --uu
LCDDATA15(7)
193h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA16(7)
194h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA17(7)
195h
---- --xx
---- --uu
---- --uu
LCDDATA18(7)
196h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA19(7)
197h
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA20(7)
198h
---- --xx
---- --uu
---- --uu
LCDDATA21(7)
199h
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 16-4:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on Reset
• MCLR Reset
• WDT Reset
• Brown-out Reset(1)
• Wake-up from Sleep
through interrupt
• Wake-up from Sleep
through WDT time-out
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 16-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
PIC16F914/917 and PIC16F946 only.
7:
PIC16F946 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com