Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F946-E/MLQTP Datasheet(PDF) 231 Page - Microchip Technology

Part # PIC16F946-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F946-E/MLQTP Datasheet(HTML) 231 Page - Microchip Technology

Back Button PIC16F946-E/MLQTP Datasheet HTML 227Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 228Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 229Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 230Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 231Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 232Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 233Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 234Page - Microchip Technology PIC16F946-E/MLQTP Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 229
PIC16F913/914/916/917/946
TABLE 16-5:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
LCDDATA22(7)
19Ah
xxxx xxxx
uuuu uuuu
uuuu uuuu
LCDDATA23(7)
19Bh
---- --xx
---- --uu
---- --uu
LCDSE3(7)
19Ch
0000 0000
uuuu uuuu
uuuu uuuu
LCDSE4(7)
19Dh
0000 0000
uuuu uuuu
uuuu uuuu
LCDSE5(7)
19Eh
---- --00
---- --uu
---- --uu
EECON1
18Ch
x--- x000
u--- q000
u--- uuuu
TABLE 16-4:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on Reset
• MCLR Reset
• WDT Reset
• Brown-out Reset(1)
• Wake-up from Sleep
through interrupt
• Wake-up from Sleep
through WDT time-out
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 16-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
PIC16F914/917 and PIC16F946 only.
7:
PIC16F946 only.
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
0000h
0001 1xxx
---1 --0x
MCLR Reset during normal operation
0000h
000u uuuu
---u --uu
MCLR Reset during Sleep
0000h
0001 0uuu
---u --uu
WDT Reset
0000h
0000 uuuu
---u --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---u --uu
Brown-out Reset
0000h
0001 1uuu
---1 --10
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---u --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Interrupt Enable bit, GIE, is set, the PC is loaded with
the interrupt vector (0004h) after execution of PC + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com