Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SS Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F16-E/SS
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SS Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F16-E/SS Datasheet HTML 6Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 7Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 8Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 9Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 10Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 11Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 12Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 13Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
PIC16F716
DS41206B-page 8
© 2007 Microchip Technology Inc.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file can be accessed either directly or
indirectly through the File Select Register FSR
(Section 2.5 “Indirect Addressing, INDF and FSR
Registers”).
FIGURE 2-2:
REGISTER FILE MAP
Unimplemented data memory locations,
read as ‘0’.
Note 1:
Not a physical register.
File
Address
File
Address
00h
INDF(1)
INDF(1)
80h
01h
TMR0
OPTION_REG 81h
02h
PCL
PCL
82h
03h
STATUS
STATUS
83h
04h
FSR
FSR
84h
05h
PORTA
TRISA
85h
06h
PORTB
TRISB
86h
07h
87h
08h
88h
09h
89h
0Ah
PCLATH
PCLATH
8Ah
0Bh
INTCON
INTCON
8Bh
0Ch
PIR1
PIE1
8Ch
0Dh
8Dh
0Eh
TMR1L
PCON
8Eh
0Fh
TMR1H
8Fh
10h
T1CON
90h
11h
TMR2
91h
12h
T2CON
PR2
92h
13h
93h
14h
94h
15h
CCPR1L
95h
16h
CCPR1H
96h
17h
CCP1CON
97h
18h
PWM1CON
98h
19h
ECCPAS
99h
1Ah
9Ah
1Bh
9Bh
1Ch
9Ch
1Dh
9Dh
1Eh
ADRES
9Eh
1Fh
ADCON0
ADCON1
9Fh
20h
General
Purpose
Registers
80 Bytes
General
Purpose
Registers
32 Bytes
A0h
BFh
C0h
6Fh
EFh
70h
7Fh
16 Bytes
Accesses
70-7Fh
F0h
FFh
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com