Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SS Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16F16-E/SS
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SS Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16F16-E/SS Datasheet HTML 96Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 97Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 98Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 99Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 100Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 101Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 102Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 103Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 136 page
background image
PIC16F716
DS41206B-page 98
© 2007 Microchip Technology Inc.
12.5.2
TIMING CONDITIONS
The temperature and voltages specified in Table 12-1
apply to all timing specifications, unless otherwise
noted. Figure 12-3 specifies the load conditions for the
timing specifications.
TABLE 12-1:
TEMPERATURE AND VOLTAGE SPECIFICATIONS - AC
FIGURE 12-3:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
12.5.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 12-4:
EXTERNAL CLOCK TIMING
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC spec Section 12.1 “DC Character-
istics: PIC16F716 (Industrial, Extended)” and Section 12.4 “DC Characteristics:
PIC16F716 (Industrial, Extended)”. LC parts operate for commercial/industrial
temp’s only.
VDD/2
Cl
Rl
Pin
Pin
VSS
VSS
Cl
RL =464
Ω
CL = 50 pF for all pins except OSC2/CLKOUT
15 pF for OSC2 output
Load condition 1
Load condition 2
Legend:
3
3
4
4
1
2
Q4
Q1
Q2
Q3
Q4
Q1
OSC1
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com