Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SS Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F16-E/SS
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SS Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F16-E/SS Datasheet HTML 8Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 9Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 10Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 11Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 12Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 13Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 14Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 15Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
PIC16F716
DS41206B-page 10
© 2007 Microchip Technology Inc.
TABLE 2-2:
SPECIAL FUNCTION REGISTER SUMMARY BANK 1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
80h
INDF(1)
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
18
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
12
82h
PCL(1)
Program Counter’s (PC) Least Significant Byte
0000 0000
17
83h
STATUS(1)
IRP(4)
RP1(4)
RP0
TO
PD
ZDC
C
0001 1xxx
11
84h
FSR(1)
Indirect Data Memory Address Pointer
xxxx xxxx
18
85h
TRISA
—
—
—(7)
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
---1 1111
19
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
21
87h-89h
—
Unimplemented
—
8Ah
PCLATH(1,2)
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
17
8Bh
INTCON(1)
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
13
8Ch
PIE1
—ADIE
—
—
—
CCP1IE
TMR2IE
TMR1IE
-0-- -000
14
8Dh
—
Unimplemented
—
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
16
8Fh-91h
—
Unimplemented
—
92h
PR2
Timer2 Period Register
1111 1111
35, 52
93h-9Eh
—
Unimplemented
—
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
42
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, Shaded locations are unimplemented,
read as ‘0’.
Note
1:
These registers can be addressed from either bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<12:8> whose contents are
transferred to the upper byte of the program counter.
3:
Other (non Power-up) Resets include: external Reset through MCLR and the Watchdog Timer Reset.
4:
The IRP and RP1 bits are reserved. Always maintain these bits clear.
5:
On any device Reset, these pins are configured as inputs.
6:
This is the value that will be in the PORT output latch.
7:
Reserved bits, do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com