Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F635-I/ST Datasheet(PDF) 179 Page - Microchip Technology

Part # PIC12F635-I/ST
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-I/ST Datasheet(HTML) 179 Page - Microchip Technology

Back Button PIC12F635-I/ST Datasheet HTML 175Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 176Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 177Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 178Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 179Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 180Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 181Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 182Page - Microchip Technology PIC12F635-I/ST Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 177
PIC12F635/PIC16F636/639
15.8
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Para
m
No.
Sym
Characteristic
Typ
Units
Conditions
TH01
θJA
Thermal Resistance
Junction to Ambient
PIC12F635
84.6
°C/W 8-pin PDIP package
163.0
°C/W 8-pin SOIC package
52.4
°C/W 8-pin DFN 4x4x0.9 mm package
52.4
°C/W 8-pin DFN-S 6x5 mm package
PIC16F636
69.8
°C/W 14-pin PDIP package
85.0
°C/W 14-pin SOIC package
100.4
°C/W 14-pin TSSOP package
46.3
°C/W 16-pin QFN 4x0.9mm package
PIC16F639 108.1
°C/W 20-pin SSOP package
TH02
θJC
Thermal Resistance
Junction to Case
PIC12F635
41.2
°C/W 8-pin PDIP package
38.8
°C/W 8-pin SOIC package
3.0
°C/W 8-pin DFN 4x4x0.9 mm package
3.0
°C/W 8-pin DFN-S 6x5 mm package
PIC16F636
32.5
°C/W 14-pin PDIP package
31.0
°C/W 14-pin SOIC package
31.7
°C/W 14-pin TSSOP package
2.6
°C/W 16-pin QFN 4x0.9mm package
PIC16F639
32.2
°C/W 20-pin SSOP package
TH03 TJ
Junction Temperature
150
°C
For derated power calculations
TH04 PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05 PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD
(NOTE 1)
TH06 PI/O
I/O Power Dissipation
—
W
PI/O =
Σ (IOL * VOL) + Σ (IOH * (VDD - VOH))
TH07 PDER
Derated Power
—
W
PDER = (TJ - TA)/
θJA
(NOTE 2, 3)
Note 1:
IDD is current to run the chip alone without driving any load on the output pins.
2:
TA = Ambient Temperature.
3:
Maximum allowable power dissipation is the lower value of either the absolute maximum total power
dissipation or derated power (PDER).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com