Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628A-E/ML Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 133Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 134Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 135Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 136Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 137Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 138Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 139Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 140Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 135
PIC16F627A/628A/648A
17.1
DC Characteristics: PIC16F627A/628A/648A (Industrial, Extended)
PIC16LF627A/628A/648A (Industrial)
PIC16LF627A/628A/648A
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +85°C for industrial
PIC16F627A/628A/648A
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +85°C for industrial and
-40
°C ≤ Ta ≤ +125°C for extended
Param
No.
Sym
Characteristic/Device
Min
Typ†
Max
Units
Conditions
VDD
Supply Voltage
D001
PIC16LF627A/628A/648A
2.0
—
5.5
V
PIC16F627A/628A/648A
3.0
—
5.5
V
D002
VDR
RAM Data Retention
Voltage(1)
—
1.5*
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage
to ensure Power-on Reset
—VSS
—
V
See Section 14.4 “Power-
on Reset (POR), Power-up
Timer (PWRT), Oscillator
Start-up Timer (OST) and
Brown-out Reset
(BOR)”on Power-on Reset
for details
D004
SVDD
VDD Rise Rate
to ensure Power-on Reset
0.05*
—
—
V/ms
See Section 14.4 “Power-
on Reset (POR), Power-up
Timer (PWRT), Oscillator
Start-up Timer (OST) and
Brown-out Reset (BOR)”
on Power-on Reset for
details
D005
VBOR
Brown-out Reset Voltage
3.65
3.65
4.0
4.0
4.35
4.4
V
V
BOREN configuration bit is
set
BOREN configuration bit is
set, Extended
Legend:
Rows with standard voltage device data only are shaded for improved readability.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C, unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com