Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628A-E/ML Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 135Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 136Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 137Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 138Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 139Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 140Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 141Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 142Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 137
PIC16F627A/628A/648A
17.3
DC Characteristics: PIC16F627A/628A/648A (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +125°C for extended
Param
No.
Device Characteristics
Min†
Typ
Max
Units
Conditions
VDD
Note
Supply Voltage (VDD)
D001
—
3.0
—
5.5
V
—
Power-down Base Current (IPD)
D020E
——
0.01
4
μA
3.0
WDT, BOR, Comparators, VREF and
T1OSC: disabled
—0.02
8
μA5.0
Peripheral Module Current (
ΔIMOD)(1)
D021E
——
2
9
μA
3.0
WDT Current
—9
20
μA5.0
D022E
—
—
29
52
μA
4.5
BOR Current
—30
55
μA5.0
D023E
—
—
22
37
μA
3.0
Comparator Current
(Both comparators enabled)
—44
68
μA5.0
D024E
—
—
50
75
μA3.0
VREF Current
—83
110
μA5.0
D025E
——
1.3
4
μA
3.0
T1OSC Current
—1.8
6
μA5.0
Supply Current (IDD)
D010E
—
—
15
28
μA3.0
FOSC = 32 kHz
LP Oscillator Mode
—28
54
μA5.0
D011E
——
175
340
μA3.0
FOSC = 1 MHz
XT Oscillator Mode
—320
520
μA5.0
D012E
——
450
650
μA3.0
FOSC = 4 MHz
XT Oscillator Mode
—
0.710
1.1
mA
5.0
D012AE
——
565
785
μA3.0
FOSC = 4 MHz
INTOSC
—
0.895
1.3
mA
5.0
D013E
—
—
2.5
2.9
mA
4.5
FOSC = 20 MHz
HS Oscillator Mode
—
2.75
3.5
mA
5.0
Note 1:
The “
Δ” current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement. Max values should be used when calculating total current
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com