Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628A-E/ML Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 138Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 139Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 140Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 141Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 142Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 143Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 144Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 145Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 140
© 2007 Microchip Technology Inc.
TABLE 17-2:
COMPARATOR SPECIFICATIONS
TABLE 17-3:
VOLTAGE REFERENCE SPECIFICATIONS
Operating Conditions: 2.0V
< VDD <5.5V, -40°C < TA < +125°C, unless otherwise stated.
Param
No.
Characteristics
Sym
Min
Typ
Max
Units
Comments
D300
Input Offset Voltage
VIOFF
—
±5.0
±10
mV
D301
Input Common Mode Voltage
VICM
0—
VDD – 1.5*
V
D302
Common Mode Rejection Ratio
CMRR
55*
—
—
db
D303
Response Time(1)
TRESP
—
—
—
300
400
400
400*
600*
600*
ns
ns
ns
VDD = 3.0V to 5.5V
-40° to +85°C
VDD = 3.0V to 5.5V
-85° to +125°C
VDD = 2.0V to 3.0V
-40° to +85°C
D304
Comparator Mode Change to
Output Valid
TMC2OV
—300
10*
μs
* These parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2, while the other input transitions from
VSS to VDD.
Operating Conditions: 2.0V < VDD < 5.5V, -40
°C < TA < +125°C, unless otherwise stated.
Spec
No.
Characteristics
Sym
Min
Typ
Max
Units
Comments
D310
Resolution
VRES
——
VDD/24
VDD/32
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
D311
Absolute Accuracy
VRAA
—
—
—
—
1/4(2)*
1/2(2)*
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
D312
Unit Resistor Value (R)
VRUR
—2k*
—
Ω
D313
Settling Time(1)
TSET
——
10*
μs
*
These parameters are characterized but not tested.
Note 1: Settling time measured while VRR = 1 and VR<3:0> transitions from ‘0000’ to ‘1111’.
2: When VDD is between 2.0V and 3.0V, the VREF output voltage levels on RA2 described by the
equation:[VDD/2 ± (3 – VDD)/2] may cause the Absolute Accuracy (VRAA) of the VREF output signal on RA2
to be greater than the stated max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com