Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP400GS
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP400GS Datasheet HTML 2Page - Analog Devices OP400GS Datasheet HTML 3Page - Analog Devices OP400GS Datasheet HTML 4Page - Analog Devices OP400GS Datasheet HTML 5Page - Analog Devices OP400GS Datasheet HTML 6Page - Analog Devices OP400GS Datasheet HTML 7Page - Analog Devices OP400GS Datasheet HTML 8Page - Analog Devices OP400GS Datasheet HTML 9Page - Analog Devices OP400GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
OP400
Data Sheet
Rev. I | Page 6 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
3
2
1
0
0123
5
4
TIME (Minutes)
TA = 25°C
VS = ±15V
Figure 4. Warmup Drift
70
60
50
40
30
20
10
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = ±15V
Figure 5. Input Offset Voltage vs. Temperature
2.0
0
0.4
0.8
1.2
1.6
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = ±15V
Figure 6. Input Bias Current vs. Temperature
120
80
90
100
110
–75
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
VS = ±15V
Figure 7. Input Offset Current vs. Temperature
1.1
0.6
0.7
0.8
0.9
1.0
–15
15
10
5
–5
0
–10
COMMON-MODE VOLTAGE (V)
Figure 8. Input Bias Current vs. Common-Mode Voltage
140
0
20
40
60
80
100
120
1
100k
10k
100
1k
10
FREQUENCY (Hz)
TA =25°C
VS = ±15V
Figure 9. Common-Mode Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com