Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400GS Datasheet(PDF) 9 Page - Analog Devices

Part # OP400GS
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GS Datasheet(HTML) 9 Page - Analog Devices

Back Button OP400GS Datasheet HTML 5Page - Analog Devices OP400GS Datasheet HTML 6Page - Analog Devices OP400GS Datasheet HTML 7Page - Analog Devices OP400GS Datasheet HTML 8Page - Analog Devices OP400GS Datasheet HTML 9Page - Analog Devices OP400GS Datasheet HTML 10Page - Analog Devices OP400GS Datasheet HTML 11Page - Analog Devices OP400GS Datasheet HTML 12Page - Analog Devices OP400GS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
OP400
Rev. I | Page 9 of 15
CAPACITIVE LOAD (nF)
45
50
40
25
35
0
5
10
15
20
30
0
0.5
1.0
2.0
2.5
1.5
3.0
TA = 25°C
VS = ±15V
AV = +1
FALLING
RISING
Figure 22. Overshoot vs. Capacitive Load
TIME (Minutes)
34
32
30
28
01
2
3
4
5
SOURCING
SINKING
TA = 25°C
VS = ±15V
Figure 23. Short Circuit vs. Time
FREQUENCY (Hz)
140
130
120
110
100
90
10
100
1k
10k
100k
TA = 25°C
VS = ±15V
VIN = 20V p-p
Figure 24. Channel Separation vs. Frequency
5V
100μs
TA = 25°C
VS = ±15V
AV = +1
Figure 25. Large Signal Transient Response
20mV
5μs
TA = 25°C
VS = ±15V
AV = +1
Figure 26. Small Signal Transient Response
20mV
5μs
TA = 25°C
VS = ±15V
AV = +1
Figure 27. Small Signal Transient Response, CLOAD = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com