Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400GS Datasheet(PDF) 11 Page - Analog Devices

Part # OP400GS
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP400GS Datasheet HTML 7Page - Analog Devices OP400GS Datasheet HTML 8Page - Analog Devices OP400GS Datasheet HTML 9Page - Analog Devices OP400GS Datasheet HTML 10Page - Analog Devices OP400GS Datasheet HTML 11Page - Analog Devices OP400GS Datasheet HTML 12Page - Analog Devices OP400GS Datasheet HTML 13Page - Analog Devices OP400GS Datasheet HTML 14Page - Analog Devices OP400GS Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
OP400
Rev. I | Page 11 of 15
APPLICATIONS INFORMATION
The OP400 is inherently stable at all gains and is capable of
driving large capacitive loads without oscillating. Nonetheless,
good supply decoupling is highly recommended. Proper supply
decoupling reduces problems caused by supply line noise and
improves the capacitive load-driving capability of the OP400.
Total supply current can be reduced by connecting the inputs of
an unused amplifier to V−. This turns the amplifier off, lowering
the total supply current.
DUAL LOW POWER INSTRUMENTATION
AMPLIFIER
A dual instrumentation amplifier that consumes less than 33 mW
of power per channel is shown in Figure 31. The linearity of the
instrumentation amplifier exceeds 16 bits in gains of 5 to 200 and
is better than 14 bits in gains from 200 to 1000. Common-mode
rejection ratio (CMRR) is above 115 dB (G = 1000). Offset voltage
drift is typically 0.4 μV/°C over the military temperature range,
which is comparable to the best monolithic instrumentation
amplifiers. The bandwidth of the low power instrumentation
amplifier is a function of gain and is shown in Table 6.
The output signal is specified with respect to the reference input,
which is normally connected to analog ground. The reference
input can offset the output from −10 V to +10 V if required.
Table 6. Gain Bandwidth
Gain
Bandwidth
5
150 kHz
10
67 kHz
100
7.5 kHz
1000
500 Hz
–
+
20kΩ
5kΩ
5kΩ
20kΩ
REFERENCE
VIN
VIN
RG
RG
VOUT
VOUT
–
+
20kΩ
5kΩ
5kΩ
20kΩ
REFERENCE
VIN
RG
VOUT
40,000
= 5 +
1/4
OP400A
+
–
1/4
OP400A
+
–
1/4
OP400A
+
–
1/4
OP400A
+
–
Figure 31. Dual Low Power Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com