Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST87M01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST87M01
Description  Ultra-compact, low-power NB-IoT industrial module series with GNSS capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST87M01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST87M01 Datasheet HTML 3Page - STMicroelectronics ST87M01 Datasheet HTML 4Page - STMicroelectronics ST87M01 Datasheet HTML 5Page - STMicroelectronics ST87M01 Datasheet HTML 6Page - STMicroelectronics ST87M01 Datasheet HTML 7Page - STMicroelectronics ST87M01 Datasheet HTML 8Page - STMicroelectronics ST87M01 Datasheet HTML 9Page - STMicroelectronics ST87M01 Datasheet HTML 10Page - STMicroelectronics ST87M01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
4
SMT production guide
4.1
Reflow profile
Figure 2. JEDEC STD020 reflow profile
Table 4. Reflow profile parameters
Profile parameter
Value
Preheat time (ts)
60 – 120 seconds
Preheat temperatures (Tsmin - Tsmax)
150 – 200 °C
TL
217 °C
Total time above TL
60 – 150 seconds
Peak temperature (TP)
245 – 250 °C
Time within 5 °C of peak
30 – 40 seconds
Ramp-up (from 217 °C to peak)
0.0 – 3.0 degrees / seconds
Ramp-down (from peak to 217 °C)
-6.0 – -1.0 degrees / seconds
Time from 25 °C to peak
5 – 8 minutes
4.2
Baking requirements
The module is rated MSL3 as defined in JEDEC J-STD-020 and it is shipped in a sealed bag reporting the sealing
date.
ST87M01
SMT production guide
DS14679 - Rev 1
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com