Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST87M01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST87M01
Description  Ultra-compact, low-power NB-IoT industrial module series with GNSS capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST87M01 Datasheet(HTML) 4 Page - STMicroelectronics

  ST87M01 Datasheet HTML 1Page - STMicroelectronics ST87M01 Datasheet HTML 2Page - STMicroelectronics ST87M01 Datasheet HTML 3Page - STMicroelectronics ST87M01 Datasheet HTML 4Page - STMicroelectronics ST87M01 Datasheet HTML 5Page - STMicroelectronics ST87M01 Datasheet HTML 6Page - STMicroelectronics ST87M01 Datasheet HTML 7Page - STMicroelectronics ST87M01 Datasheet HTML 8Page - STMicroelectronics ST87M01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2.3
Key features
Module family name
ST87M01
Cellular radio access technology
LTE Cat NB2, 3GPP Release 15
Hardware
Module form factor: metallic shielded LGA package (51 pin)
Dimensions [mm]: 10.6 x 12.8 x 2.4
LTE FDD certified frequency bands
B1, B3, B5, B8, B20, B28 selected for GCF certification over a hardware capability for almost WW coverage
[B1/B2/B3/B4/B5/B8/B12/B13/B17/B18/B19/B20/B25/B26/B28/B65/B66/B70/B71/B85, supported by the same
hardware]
Transmit power
Class-3: +23 dBm
Data transmission
Single tone: DL: 26 kbps, UL: 16 kbps
Multi-tone: DL: 26 kbps, UL: 66 kbps
Extended TBS and 2 HARQ (Cat NB2): DL: 127 kbps, UL: 159 kbps
Embedded protocol stacks
IPv6, TCP/UDP, CoAP/LWM2M, MQTT, HTPP/HTTPS, DTLS
Firmware upgrade
Host via UART and DFOTA over LWM2M, ext. SPI flash (for production only)
SMS
Only PDU mode
AT commands
3GPP & STMicroelectronics Extended AT commands
Interfaces
Control: reset and wake-up
Peripherals: 1xUSIM (1.8 V only), 2xUART, 2xI2C, 1xSPI, up to 2xADC and 28xGPIO
RF ports: 50 Ω antennas for NB-IoT and GNSS
Localization services
Optional A-GNSS: GPS, Galileo, optimized concurrent mode
Optional eSIM with additional secure element
Typical power supply range
VIO: 1.8 V to 3.3 V
VPMU_x/VDCDC/VPA: 2.2 to 3.0 V (3.3 V under qualification)
Industrial grade: -40 °C to +85 °C
2.4
Product variants
ST87M01-ABCD is the product family name that is specified for each single PN as described below:
“A” indicates the subset of FDD certified frequency bands addressed by the specific PN.
“B” indicates the secondary mode of operation addressed by the specific PN.
“C” indicates the presence or absence of the eSIM for the specific PN.
“D” indicates specific application features.
Table 3. Ordering codes table
Commercial product
Description
ST87M01-1000
NB-IoT only (B1, B3, B5, B8, B20, B28 LTE bands)
ST87M01-1100
NB-IoT (B1, B3, B5, B8, B20, B28 LTE bands) and GPS
ST87M01
Key features
DS14679 - Rev 1
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com