Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST87M01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST87M01
Description  Ultra-compact, low-power NB-IoT industrial module series with GNSS capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST87M01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST87M01 Datasheet HTML 5Page - STMicroelectronics ST87M01 Datasheet HTML 6Page - STMicroelectronics ST87M01 Datasheet HTML 7Page - STMicroelectronics ST87M01 Datasheet HTML 8Page - STMicroelectronics ST87M01 Datasheet HTML 9Page - STMicroelectronics ST87M01 Datasheet HTML 10Page - STMicroelectronics ST87M01 Datasheet HTML 11Page - STMicroelectronics ST87M01 Datasheet HTML 12Page - STMicroelectronics ST87M01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
5
Environmental and certifications
5.1
Environmental specifications
Table 5. Operating condition
Parameter
Min.
Typ.
Max.
Unit
Extended operating temperature
-40
+85
°C
Note:
In the extended operating temperature, the module remains fully functional during and after environmental
exposure.
Table 6. Storage condition
Parameter
Min.
Typ.
Max.
Unit
Storage temperature
-40
+85
°C
Note:
The module is delivered in tape and reel carriers and must be stored in sealed, moisture barrier, antistatic bags.
Note:
The module is not powered.
5.2
Regulatory
The ST87M01 is designed to comply with the directives and standards listed in the following sections.
5.2.1
RED
RED certification covers the bands FDD 1, FDD 3, FDD 8, FDD 20, and FDD 28.
Table 7. RED information
EMC
[Radio]
EMC testing according to:
•
EN 301 489-1 V2.2.3: common technical requirements
•
EN 301 489-19 V2.2.1: GNSS
•
EN 301 489-52 V1.2.1: LTE NB-IoT
RF
[NB-IoT]
LTE NB-IoT RF conducted testing according to EN 301 908-13 V13.2.1
RF
[NB-IoT]
LTE NB-IoT Radiated Spurious Emissions (RSE) testing according to EN 301 908-1 V15.1.1
RF
[NB-IoT]
LTE NB-IoT RF conducted assessment according to EN 301 908-13 V13.2.1
RF
[GNSS]
GNSS RF testing according to EN 303 413 V1.2.1 for the following constellations
•
GPS: L1
MPE
RF exposure report according to EN 62311:2020 standard
Safety
Electrical safety testing according to EN 62368-1:2014/AC:2015
The full text of the EU declaration of conformity is available online at the following address:
https://www.st.com/
5.2.2
GCF
GCF certification covers the bands FDD 1, FDD 3, FDD 5, FDD 8, FDD 20, and FDD 28.
ST87M01
Environmental and certifications
DS14679 - Rev 1
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com