Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4352 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4352
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 5 Page - Analog Devices

  LTC4352 Datasheet HTML 1Page - Analog Devices LTC4352 Datasheet HTML 2Page - Analog Devices LTC4352 Datasheet HTML 3Page - Analog Devices LTC4352 Datasheet HTML 4Page - Analog Devices LTC4352 Datasheet HTML 5Page - Analog Devices LTC4352 Datasheet HTML 6Page - Analog Devices LTC4352 Datasheet HTML 7Page - Analog Devices LTC4352 Datasheet HTML 8Page - Analog Devices LTC4352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
5 of 18
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configurations
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1, 2, 3, 11 IN
Positive Input Supply and Ideal Diode Anode. Connect the IN pin to the power source
that supplies power to the load. The exposed pad is also connected to IN. Use a copper
plane connected to the exposed pad for thermal management (see Applications
Information – Layout and Thermal Considerations for sizing details). Bypass IN with a
0.1µF or larger capacitor to suppress undesired reverse turn-off in applications with
load transient ringing.
4
SHDN
Shutdown Control Input. Driving SHDN low disables the ideal diode and load switch
between IN and OUT, placing the part in a low quiescent current mode. SHDN may be
connected to IN for automatic turn-on applications. Do not leave SHDN open.
5, 6
GND
Device Ground.
7
STATUS
Open-Drain Status Output. When IN or OUT is greater than 1.9V, STATUS pulls low
when 1) SHDN is pulled low, 2) when OUT exceeds IN by approximately 20mV, or 3)
when thermal protection circuitry is active. Connect STATUS to a pull-up resistor
connected to OUT or an external supply. Leave STATUS open or connect to GND if not
used.
8, 9, 10
OUT
Ideal Diode Cathode Output. In diode-OR applications using multiple LT4423s, connect
the common output node to OUT. Bypass OUT with a 0.1µF or larger capacitor to
suppress undesired reverse turn-off in applications with load transient ringing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com