Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4352 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4352
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4352 Datasheet HTML 8Page - Analog Devices LTC4352 Datasheet HTML 9Page - Analog Devices LTC4352 Datasheet HTML 10Page - Analog Devices LTC4352 Datasheet HTML 11Page - Analog Devices LTC4352 Datasheet HTML 12Page - Analog Devices LTC4352 Datasheet HTML 13Page - Analog Devices LTC4352 Datasheet HTML 14Page - Analog Devices LTC4352 Datasheet HTML 15Page - Analog Devices LTC4352 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
12 of 18
PCB traces to the IN and OUT pins should be wide and short to minimize series resistance and inductance. Figure 17
demonstrates a copper layout strategy for effective thermal and electrical performance.
Figure 17. PCB Layout Strategy for Thermal Management
TYPICAL APPLICATIONS
High-Load Current Application
Some applications may require a power path that exceeds the 2A capability of the LT4423. The STATUS output may
be used to enable an alternate power path. For example, consider the application shown in Figure 18. The LT4423
provides an automatic power path from the battery input to the 4Ω load when the 28V supply is not present. When
the 28V supply (VIN2) becomes available, VOUT begins to charge through the MOSFET body diode, and the LT4423 shuts
off due to the reverse bias from VOUT to VIN1. STATUS pulls low, allowing the P-channel MOSFET to turn on, providing
a low-loss power path to the load.
Without protection components, the P-channel MOSFET VGS could see 28V, which would be beyond the MOSFET
absolute maximum rating. The zener diode limits the maximum VGS on the MOSFET to 5.1V. R1 provides a discharge
path for the MOSFET gate charge and a pull-up path for the STATUS output when the MOSFET is off.
If a logic-level STATUS voltage is required, R2 may be added to limit the voltage swing at the STATUS pin. When the
LT4423 power path is on, STATUS pulls up to the battery voltage. When the LT4423 power path is off and R2 is not
present, STATUS pulls to 4 or 5V (Vz) below the 28V supply. With R2 in place, the STATUS pull-down current causes a
voltage drop on R2, allowing the STATUS output to pull near ground. The pull-down current (28V - VZ)/R2 is shared
between R1 and the zener diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com