Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4352 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4352
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 3 Page - Analog Devices

  LTC4352 Datasheet HTML 1Page - Analog Devices LTC4352 Datasheet HTML 2Page - Analog Devices LTC4352 Datasheet HTML 3Page - Analog Devices LTC4352 Datasheet HTML 4Page - Analog Devices LTC4352 Datasheet HTML 5Page - Analog Devices LTC4352 Datasheet HTML 6Page - Analog Devices LTC4352 Datasheet HTML 7Page - Analog Devices LTC4352 Datasheet HTML 8Page - Analog Devices LTC4352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
3 of 18
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TA = 25°C, IN = SHDN = 8.4V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VIN
-40°C ≤ TJ ≤ 125°C
1.9
28
V
Quiescent Current in
Forward Regulation
ICC
IOUT = -10mA
Measured
Through GND
-40°C ≤ TJ ≤ 125°C
-10
-18
µA
Quiescent Current in
Shutdown
ISD
SHDN
= GND
Measured
Through GND
-40°C ≤ TJ ≤ 125°C
-0.1
-2
µA
Reverse Leakage Current
to IN
IREV(IN)
IN = GND, OUT =
28V, SHDN =
GND
-40°C ≤ TJ ≤ 125°C
-0.1
-0.5
µA
Reverse Leakage Current
to OUT
IREV(OUT)
IN = GND, OUT =
28V, SHDN =
GND
-40°C ≤ TJ ≤ 125°C
0.1
3
µA
Forward Regulation
Voltage (IN - OUT)
VREG
IOUT = -10mA
-40°C ≤ TJ ≤ 125°C
5
15
25
mV
Internal Path On-
Resistance
RON
IOUT = -1A
-40°C ≤ TJ ≤ 125°C
115
200
400
m
Reverse Turn-Off Time
tREV
Step OUT from
8.4V to 8.6V
STATUS Falling
-40°C ≤ TJ ≤ 125°C
15
25
µs
Response Time to Load
Step
tFON
Step IOUT from
–10mA to -1A
-40°C ≤ TJ ≤ 125°C
3
7
µs
SHDN
Rising Threshold
VSRT
-40°C ≤ TJ ≤ 125°C
1
1.3
1.6
V
SHDN
Hysteresis
VHYST
-40°C ≤ TJ ≤ 125°C
-75
-130
-230
mV
SHDN
Input Current
ISHDN
SHDN
= 28V
-40°C ≤ TJ ≤ 125°C
1
2
µA
SHDN
Delay to Power
Path Enable
tON
Step SHDN from
GND to IN
STATUS Released
-40°C ≤ TJ ≤ 125°C
570
1000
µs
SHDN
Delay to Power
Path Disable
tOFF
Step SHDN from
IN to GND
STATUS Falling
-40°C ≤ TJ ≤ 125°C
85
160
µs
STATUS Output Voltage
Low
VOL(STAT)
ISTATUS = 1mA,
SHDN
= GND
-40°C ≤ TJ ≤ 125°C
180
410
mV
STATUS Output High
Leakage
IOH(STAT)
STATUS = 28V
-40°C ≤ TJ ≤ 125°C
±5
±200
nA
Temperature when
Power Path Disabled4
TTSD
145
160
175
°C
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com