Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1330ATS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UDA1330ATS
Description  Low-cost stereo filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1330ATS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UDA1330ATS Datasheet HTML 9Page - NXP Semiconductors UDA1330ATS Datasheet HTML 10Page - NXP Semiconductors UDA1330ATS Datasheet HTML 11Page - NXP Semiconductors UDA1330ATS Datasheet HTML 12Page - NXP Semiconductors UDA1330ATS Datasheet HTML 13Page - NXP Semiconductors UDA1330ATS Datasheet HTML 14Page - NXP Semiconductors UDA1330ATS Datasheet HTML 15Page - NXP Semiconductors UDA1330ATS Datasheet HTML 16Page - NXP Semiconductors UDA1330ATS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2000 Apr 18
13
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1330ATS
DC CHARACTERISTICS
VDDD =VDDA = 5.0 V; Tamb =25 °C; RL =5kΩ; all voltages referenced to ground (pins VSSA and VSSD); unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA
DAC analog supply voltage note 1
2.7
5.0
5.5
V
VDDD
digital supply voltage
note 1
2.7
5.0
5.5
V
IDDA
DAC analog supply current VDDA = 5.0 V
operating
−
9.5
−
mA
power-down
−
400
−µA
VDDA = 3.3 V
operating
−
7.0
−
mA
power-down
−
250
−µA
IDDD
digital supply current
VDDD = 5.0 V
−
5.5
−
mA
VDDD = 3.3 V
−
3.0
−
mA
Power dissipation
P
power dissipation
playback mode
VDDA =VDDD = 5.0 V −
75
−
mW
VDDA =VDDD = 3.3 V −
33
−
mW
Digital inputs: pins BCK, WS, DATAI, SYSCLK, APPL0, APPL1, APPL2 and APPL3 (note 2)
VIH
HIGH-level input voltage
VDDD = 5.0 V
2.2
−−
V
VDDD = 3.3 V
1.45
−−
V
VIL
LOW-level input voltage
VDDD = 5.0 V
−−
0.8
V
VDDD = 3.3 V
−−
0.5
V
I
LI
input leakage current
−−
1
µA
Ci
input capacitance
−−
10
pF
Three-level input: APPSEL
VIH
HIGH-level input voltage
0.9VDDD
−
VDDD + 0.5 V
VIM
MIDDLE-level input voltage
0.4VDDD
−
0.6VDDD
V
VIL
LOW-level input voltage
−0.5
−
+0.1VDDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com